Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C187 Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C187
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187 Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C187 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P4C187/187L
Page 8 of 12
Document # SRAM111 REV B
ORDERING INFORMATION
SELECTION GUIDE
The P4C187 is available in the following temperature, speed and package options. The P4C187L is only available over
the military temperature range.
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not Available
10
12
15
20
25
35
45
55
70
85
Plastic DIP
-10PC
-12PC
-15PC
-20PC
-25PC
-35PC
-45PC
N/A
N/A
N/A
Plastic SOJ
-10JC
-12JC
-15JC
-20JC
-25JC
-35JC
-45JC
N/A
N/A
N/A
Industrial
Plastic DIP
N/A
-12PI
-15PI
-20PI
-25PI
-35PI
-45PI
N/A
N/A
N/A
Plastic SOJ
N/A
-12JI
-15JI
-20JI
-25JI
-35JI
-45JI
N/A
N/A
N/A
Side Brazed DIP
N/A
N/A
-15CM
-20CM
-25CM
-35CM
-45CM
-55CM
-70CM
-85CM
CERDIP
N/A
N/A
-15DM
-20DM
-25DM
-35DM
-45DM
-55DM
-70DM
-85DM
LCC (28 Pin)
N/A
N/A
-15L28M
-20L28M
-25L28M
-35L28M
-45L28M
-55L28M
-70L28M
-85L28M
LCC (22 Pin)
N/A
N/A
-15LM
-20LM
-25LM
-35LM
-45LM
-55LM
-70LM
-85LM
Side Brazed DIP
N/A
N/A
-15CMB
-20CMB
-25CMB
-35CMB
-45CMB
-55CMB
-70CMB
-85CMB
CERDIP
N/A
N/A
-15DMB
-20DMB
-25DMB
-35DMB
-45DMB
-55DMB
-70DMB
-85DMB
LCC (28 Pin)
N/A
N/A
-15L28MB
-20L28MB
-25L28MB
-35L28MB
-45L28MB
-55L28MB
-70L28MB
-85L28MB
LCC (22 Pin)
N/A
N/A
-15LMB
-20LMB
-25LMB
-35LMB
-45LMB
-55LMB
-70LMB
-85LMB
Speed (ns)
Military
Temperature
Military
Processed*
Temperature
Range
Package
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com