Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024L70SC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1024L70SC
Description  LOW POWER 128K x 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L70SC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1024L70SC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P4C1024L
Page 4 of 10
Document # SRAM125 REV C
Notes:
1. WE is HIGH for READ cycle.
2. CE
1 and OE is LOW, and CE2 is HIGH for READ cycle.
3. ADDRESS must be valid prior to, or coincident with later of
CE
1 transition LOW or CE2 transition HIGH.
READ CYCLE NO. 1 (OE
OE
OE
OE
OE CONTROLLED)(1)
READ CYCLE NO. 2 (ADDRESS CONTROLLED)
READ CYCLE NO. 3 (CE
CE
CE
CE
CE CONTROLLED)
4. Transition is measured ± 200 mV from steady state voltage prior
to change, with loading as specified in Figure 1. This parameter
is sampled and not 100% tested.
5. READ Cycle Time is measured from the last valid address to the
first transitioning address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com