Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024L70SC Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C1024L70SC
Description  LOW POWER 128K x 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L70SC Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C1024L70SC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L70SC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P4C1024L
Page 5 of 10
Document # SRAM125 REV C
-55
Notes:
6. CE
1 and WE are LOW and CE2 is HIGH for WRITE cycle.
7. OE is LOW for this WRITE cycle to show twz and tow.
8. If CE
1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in a high impedance state.
9. Write Cycle Time is measured from the last valid address to the first transitioning address.
AC CHARACTERISTICS - WRITE CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(6)
Symbol
Parameter
Max
-70
Max
Unit
Min
Min
t
WC
t
CW
t
AS
t
WP
t
AH
t
DH
t
WZ
t
OW
Write Cycle Time
55
70
ns
Chip Enable Time
to End of Write
50
60
ns
Address Valid to
End of Write
50
60
ns
Address Set-up
Time
00
ns
Write Pulse Width
40
50
ns
Address Hold
Time
00
ns
Data Valid to End
of Write
25
30
ns
Data Hold Time
00
ns
Write Enable to
Output in High Z
25
30
ns
Output Active from
End of Write
55
ns
t
AW
t
DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com