Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9502BS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502BS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9502BS Datasheet HTML 7Page - NXP Semiconductors PCA9502BS Datasheet HTML 8Page - NXP Semiconductors PCA9502BS Datasheet HTML 9Page - NXP Semiconductors PCA9502BS Datasheet HTML 10Page - NXP Semiconductors PCA9502BS Datasheet HTML 11Page - NXP Semiconductors PCA9502BS Datasheet HTML 12Page - NXP Semiconductors PCA9502BS Datasheet HTML 13Page - NXP Semiconductors PCA9502BS Datasheet HTML 14Page - NXP Semiconductors PCA9502BS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
11 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
9.3 Addressing
Before any data is transmitted or received, the master must send the address of the
receiver via the SDA line. The first byte after the START condition carries the address of
the slave device and the read/write bit. Table 11 shows how the PCA9502’s address can
be selected by using A1 and A0 pins. For example, if these 2 pins are connected to VDD,
then the PCA9502’s address is set to 0x90, and the master communicates with it through
this address.
[1]
X = logic 0 for write cycle; X = logic 1 for read cycle.
9.4 Use of sub-addresses
When a master communicates with the PCA9502 it must send a sub-address in the byte
following the slave address byte. This sub-address is the internal address of the word the
master wants to access for a single byte transfer, or the beginning of a sequence of
locations for a multi-byte transfer. A sub-address is an 8-bit byte. Unlike the device
address, it does not contain a direction (R/W) bit, and like any byte transferred on the bus
it must be followed by an acknowledge.
A register write cycle is shown in Figure 10. The START is followed by a slave address
byte with the direction bit set to ‘write’, a sub-address byte, a number of data bytes, and a
STOP signal. The sub-address indicates which register the master wants to access. and
the data bytes which follow will be written one after the other to the sub-address location.
Table 11.
PCA9502 address map
A1
A0
PCA9502 I2C-bus addresses (hex)[1]
VDD
VDD
0x90 (1001 000X)
VDD
VSS
0x92 (1001 001X)
VDD
SCL
0x94 (1001 010X)
VDD
SDA
0x96 (1001 011X)
VSS
VDD
0x98 (1001 100X)
VSS
VSS
0x9A (1001 101X)
VSS
SCL
0x9C (1001 110X)
VSS
SDA
0x9E (1001 111X)
SCL
VDD
0xA0 (1010 000X)
SCL
VSS
0xA2 (1010 001X)
SCL
SCL
0xA4 (1010 010X)
SCL
SDA
0xA6 (1010 011X)
SDA
VDD
0xA8 (1010 100X)
SDA
VSS
0xAA (1010 101X)
SDA
SCL
0xAC (1010 110X)
SDA
SDA
0xAE (1010 111X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com