Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9502BS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9502BS
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502BS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9502BS Datasheet HTML 13Page - NXP Semiconductors PCA9502BS Datasheet HTML 14Page - NXP Semiconductors PCA9502BS Datasheet HTML 15Page - NXP Semiconductors PCA9502BS Datasheet HTML 16Page - NXP Semiconductors PCA9502BS Datasheet HTML 17Page - NXP Semiconductors PCA9502BS Datasheet HTML 18Page - NXP Semiconductors PCA9502BS Datasheet HTML 19Page - NXP Semiconductors PCA9502BS Datasheet HTML 20Page - NXP Semiconductors PCA9502BS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
17 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
Table 17.
SPI-bus timing specifications
All the timing limits are valid within the operating supply voltage, ambient temperature range and output load;
VDD = (2.5 V ± 0.2 V) or (3.3 V ± 0.3 V); Tamb = −40 °Cto+85 °C; and refer to VIL and VIH with an input voltage of VSS to VDD.
All output load = 25 pF, unless otherwise specified.
Symbol
Parameter
Conditions
VDD = 2.5 V
VDD = 3.3 V
Unit
Min
Max
Min
Max
td(CS_NH-SOZ)
CS HIGH to SO 3-state delay time
CL = 100 pF
-
100
-
100
ns
tsu(CS_N-SCLK)
CS to SCLK setup time
100
-
100
-
ns
th(CS_N-SCLK)
CS to SCLK hold time
20
-
20
-
ns
td(SCLK-SO)
SCLK fall to SO valid delay time
CL = 100 pF
-
25
-
20
ns
tsu(SI-SCLK)
SI to SCLK setup time
10
-
20
-
ns
th(SI-SCLK)
SI to SCLK hold time
10
-
10
-
ns
TSCLK
SCLK period
tSCLKL + tSCLKL
83
-
67
-
ns
tSCLKH
SCLK HIGH time
30
-
25
-
ns
tSCLKL
SCLK LOW time
30
-
25
-
ns
tw(CS_NH)
CS HIGH pulse width
200
-
200
-
ns
td9
SPI output data valid time
200
-
200
-
ns
td13
SPI interrupt clear time
200
-
200
-
ns
Fig 16. Detailed SPI-bus timing
th(CS_N-SCLK) tsu(CS_N-SCLK)
tSCLKL
tSCLKH
th(CS_N-SCLK)
td(SCLK-SO)
td(CS_N-SOZ)
tsu(SI-SCLK)
th(SI-SCLK)
SO
SI
SCLK
CS
002aac429
tw(CS_NH)
R/W = 0; A[3:0] = IOState (0x0B)
Fig 17. SPI write IOState to GPIO switch
SI
A1
A2
A3
R/W
SCLK
0
A0
X
0
002aab878
GPIOn
D6
D7
D4
D5
D2
D3
D0
D1
CS
td9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com