Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC16374APVG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74LVC16374APVG
Description  3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC16374APVG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVC16374APVG Datasheet HTML 1Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 2Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 3Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 4Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 5Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC16374A
3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP
SSOP/ TSSOP/ TVSOP
TOP VIEW
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. As applicable to the device type.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
6.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTES:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
2. Output level before the indicated steady-state input conditions were established.
Inputs
Outputs
xDx
xCLK
x
OE
xQx
XL
H
Z
XH
H
Z
L
↑
LL
H
↑
LH
LH
L
Q(2)
HL
L
Q(2)
FUNCTION TABLE(EACHFLIP-FLOP)(1)
Pin Names
Description
xDx
Data Inputs
xCLK
Clock Inputs
x
OE
3-State Output Enable Inputs (Active LOW)
x Q x
3-State Outputs
PIN DESCRIPTION
1
Q2
GND
VCC
GND
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
40
41
42
43
44
45
46
47
48
1
1
Q1
1
OE
1
Q4
1
Q3
1
Q6
1
Q5
1
Q8
1
Q7
2
Q1
2
Q3
2
Q2
2
Q4
VCC
2
Q5
2
Q6
GND
2
Q7
2
Q8
2
OE
1
D2
GND
VCC
GND
GND
1
D1
1
CLK
1
D4
1
D3
1
D6
1
D5
1
D8
1
D7
2
D1
2
D3
2
D2
2
D4
VCC
2
D5
2
D6
GND
2
D7
2
D8
2
CLK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com