Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC16374APVG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74LVC16374APVG
Description  3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC16374APVG Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVC16374APVG Datasheet HTML 1Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 2Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 3Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 4Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 5Page - Integrated Device Technology IDT74LVC16374APVG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC16374A
3.3VCMOS16-BITEDGE-TRIGGEREDD-TYPEFLIP-FLOP
1
JUNE 2006
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2006 Integrated Device Technology, Inc.
DSC-4752/5
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SSOP, TSSOP, and TVSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
IDT74LVC16374A
DESCRIPTION:
The LVC16374A 16-bit edge-triggered D-type flip-flop is built using
advanced dual metal CMOS technology. This high-speed, low-power
register is ideal for use as a buffer register for data synchronization and
storage. The Output Enable (
OE) and clock (CLK) controls are organized
to operate this device as two 8-bit registers or one 16-bit register with
common clock. Flow-through organization of signal pins simplifies layout.
All inputs are designed with hysteresis for improved noise margin.
All pins of the LVC16374A can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a translator in a mixed 3.3V/
5V supply system.
The LVC16374A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
3.3V CMOS 16-BIT
EDGE-TRIGGERED D-TYPE
FLIP-FLOP WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O
1
OE
D
C
1
CLK
1
D1
1
Q1
TO SEVEN OTHER CHANNELS
2
OE
D
C
2
CLK
2
D1
2
Q1
TO SEVEN OTHER CHANNELS
1
48
47
2
24
25
36
13


Similar Part No. - IDT74LVC16374APVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVC16374A RENESAS-IDT74LVC16374A Datasheet
262Kb / 7P
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - IDT74LVC16374APVG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16374A PHILIPS-74LVC16374A Datasheet
82Kb / 10P
16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Integrated Device Techn...
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC374A IDT-IDT74LVC374A Datasheet
64Kb / 6P
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC574A IDT-IDT74LVC574A Datasheet
71Kb / 6P
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC823A IDT-IDT74LVC823A Datasheet
69Kb / 6P
3.3V CMOS 9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH162374A IDT-IDT74LVCH162374A Datasheet
271Kb / 6P
3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
logo
Integrated Device Techn...
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16374A RENESAS-IDT74LVC16374A Datasheet
262Kb / 7P
3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
AUGUST 2015
IDT74LVCH162374A RENESAS-IDT74LVCH162374A Datasheet
262Kb / 7P
3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com