Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2003750000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2003750000
Description  Dekafix, Terminal marker, 5 x 3.5 mm, Pitch in mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2003750000 Datasheet(HTML) 2 Page - Weidmuller

  2003750000 Datasheet HTML 1Page - Weidmuller 2003750000 Datasheet HTML 2Page - Weidmuller 2003750000 Datasheet HTML 3Page - Weidmuller 2003750000 Datasheet HTML 4Page - Weidmuller 2003750000 Datasheet HTML 5Page - Weidmuller 2003750000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data sheet
 
DEK 5/3.5 PLUS MC NE WS
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 6, 2024 2:19:44 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Height
5 mm
  Height (inches)
0.197 inch
Width
3.5 mm
  Width (inches)
0.138 inch
Net weight
0.041 g
   
 
Temperatures
 
Operating temperature range
-40...100 °C
   
 
General data
 
Application/manufacturer
Weidmueller
Colour
white
Halogen
No
Material
Polyamide 66
Number of markers per combination
1 MultiCard = Terminal marker
Number of markers per packaging unit Form of supply
MultiCard
Operating temperature range
-40...100 °C
Operating temperature range, max.
100 °C
Operating temperature range, min.
-40 °C
Orientation of print
horizontal and vertical
Printed characters
neutral
UL 94 flammability rating
V-2
Width
3.5 mm
 
Connector markers
 
Pitch in mm (P)
3.5 mm
   
 
Classifications
 
ETIM 6.0
EC000761
  ETIM 7.0
EC000761
ETIM 8.0
EC000761
  ETIM 9.0
EC000761
ECLASS 9.0
27-14-11-37
  ECLASS 9.1
27-14-11-37
ECLASS 10.0
27-14-11-37
  ECLASS 11.0
27-28-11-01
ECLASS 12.0
27-28-11-01
  ECLASS 13.0
27-28-11-01
ECLASS 14.0
27-28-11-01
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
 
Approvals
 
ROHS
Conform
 
Downloads
 
Engineering Data
CAD data -- STEP
Product Change Notification
Technical change to MultiCard material - DE
Technical change to MultiCard material - EN
MultiCard Material modification
MultiCard Material Modifikation
Catalogues
Catalogues in PDF-format
Brochures
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com