Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STO-0620300-R-E1 Datasheet(PDF) 3 Page - Eravant

Part # STO-0620300-R-E1
Description  D-Band VNA Frequency Extender, Receive (Rx) Module, 9.17 to 14.17 GHz Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0620300-R-E1 Datasheet(HTML) 3 Page - Eravant

  STO-0620300-R-E1 Datasheet HTML 1Page - Eravant STO-0620300-R-E1 Datasheet HTML 2Page - Eravant STO-0620300-R-E1 Datasheet HTML 3Page - Eravant STO-0620300-R-E1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STO-0620300-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
3/4
Advanced Rev 1.5
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
-140
-130
-120
-110
-100
-90
-80
-70
110
120
130
140
150
160
170
Frequency (GHz)
Dynamic Range vs. Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com