Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STO-0620300-R-E1 Datasheet(PDF) 1 Page - Eravant

Part # STO-0620300-R-E1
Description  D-Band VNA Frequency Extender, Receive (Rx) Module, 9.17 to 14.17 GHz Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0620300-R-E1 Datasheet(HTML) 1 Page - Eravant

  STO-0620300-R-E1 Datasheet HTML 1Page - Eravant STO-0620300-R-E1 Datasheet HTML 2Page - Eravant STO-0620300-R-E1 Datasheet HTML 3Page - Eravant STO-0620300-R-E1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STO-0620300-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/4
Advanced Rev 1.5
D-Band VNA Frequency Extender, Receive (Rx) Module,
9.17 to 14.17 GHz Input
STO-0620300-R-E1 is a compact D-Band vector network analyzer (VNA)
frequency extender receive (Rx) module that extends lower frequency
VNA signals to 110 to 170 GHz. It is compatible with modern vector
network analyzers such as Rohde & Schwarz ZNA, Anritsu VectorStar
™,
Keysight PNA-X Series, and Copper Mountain CobaltFx. The VNA needs
dual sources to be extended. This frequency extender can be used to
measure one-path transmission (S21 or S12) through DUT when paired
with compatible transmitter. When Rx module is paired with Tx/Rx
module, the setup can be used to measure reflection at input of DUT and
transmission through DUT. An AC to DC Power adapter and Proxi-
Flange
™ Contactless Flanges (STQ-WG-06010-FB-CF and STQ-WG-
06025-FB-CF), are included. The Eravant calibration kit (STQ-TO-06-S1-
CKIT1) and Wave-Glide
™ Rail System (STQ-TL-RW-S10-M1) are
highly recommended to complete the D-Band VNA test set. VNA
extender is packaged individually in a rugged equipment box with
additional hardware and tools.
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
110 GHz
170 GHz
Input Attenuation Control Range
30 dB
Test Port Input Power (Damage)*
+10 dBm
Dynamic Range** @ 10 Hz BW
100 dB
Test Port Match
20 dB
LO Source Input Frequency (RF
±IF)
9.17 GHz
14.17 GHz
LO Source Input Power
0 dBm
+3 dBm
+6 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
12
Specification Temperature
+20°C
+30°C
Operating Temperature
0°C
+50°C
ECCN
•
3A001.b.7
FEATURES
•
Full Band Coverage
•
Dynamic Range of 1000 dB
•
AC Power Input: 100 to 240 VAC
APPLICATIONS
•
VNA Frequency Extension
•
OTA Measurements
•
Test Lab Instrumentation
Recommended Pairing
•
Cal Kit: STQ-TO-06-S1-CKIT1
•
Waveguide-Glide
™ Rail System
•
Waveguide Quick Connects
•
Cable: SCW-SMSM040-F1-A-PM
Recommended Pairing
•
Contactless WG Flange & mmWave
THz Test Set Up Applications
•
VNA Extender Configuration Guide
•
VNA Extenders and Cal Kits
*Max input power is specified when attenuation level is minimum. Increasing
attenuation level will increase power handling.
**Measured with compatible Tx/Ref or Tx/Rx module


Similar Part No. - STO-0620300-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-0620300-C-E1 ERAVANT-STO-0620300-C-E1 Datasheet
1Mb / 6P
D-Band VNA Frequency Extender
Rev 1.5
STO-0620300-CM-E1 ERAVANT-STO-0620300-CM-E1 Datasheet
1Mb / 5P
D-Band VNA Frequency Extender
Rev 1.4
STO-0620300-CMC-S1 ERAVANT-STO-0620300-CMC-S1 Datasheet
1Mb / 6P
D-Band VNA Frequency Extender Set
Rev 1.6
STO-0620300-T-E1 ERAVANT-STO-0620300-T-E1 Datasheet
435Kb / 4P
D-Band VNA Frequency Extender, Transmit (Tx/Ref) Module, 9.17 to 14.17 GHz Input
Rev 1.6
More results

Similar Description - STO-0620300-R-E1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
logo
API Technologies Corp
MAIA-009992-000000 APITECH-MAIA-009992-000000 Datasheet
502Kb / 3P
Dual S-Band 100W Transmit / Receive Module (TRM) 3.1 - 3.5 GHz
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com