Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25Q128FVCIF Datasheet(PDF) 73 Page - Winbond

Part # 25Q128FVCIF
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVCIF Datasheet(HTML) 73 Page - Winbond

Back Button 25Q128FVCIF Datasheet HTML 69Page - Winbond 25Q128FVCIF Datasheet HTML 70Page - Winbond 25Q128FVCIF Datasheet HTML 71Page - Winbond 25Q128FVCIF Datasheet HTML 72Page - Winbond 25Q128FVCIF Datasheet HTML 73Page - Winbond 25Q128FVCIF Datasheet HTML 74Page - Winbond 25Q128FVCIF Datasheet HTML 75Page - Winbond 25Q128FVCIF Datasheet HTML 76Page - Winbond 25Q128FVCIF Datasheet HTML 77Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 72 -
Revision M
8.2.35Burst Read with Wrap (0Ch)
The “Burst Read with Wrap (0Ch)” instruction provides an alternative way to perform the read operation
with “Wrap Around” in QPI mode. The instruction is similar to the “Fast Read (0Bh)” instruction in QPI
mode, except the addressing of the read operation will “Wrap Around” to the beginning boundary of the
“Wrap Length” once the ending boundary is reached.
The “Wrap Length” and the number of dummy clocks can be configured by the “Set Read Parameters
(C0h)” instruction.
Dummy
*
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
0Ch
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
Byte 1
Byte 2
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
14
4
5
6
7
IOs switch from
Input to Output
* "Set Read Parameters" instruction (C0h) can
set the number of dummy clocks.
Byte 3
Instruction
Figure 49. Burst Read with Wrap Instruction (QPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com