Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25Q128FVCIF Datasheet(PDF) 21 Page - Winbond

Part # 25Q128FVCIF
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVCIF Datasheet(HTML) 21 Page - Winbond

Back Button 25Q128FVCIF Datasheet HTML 17Page - Winbond 25Q128FVCIF Datasheet HTML 18Page - Winbond 25Q128FVCIF Datasheet HTML 19Page - Winbond 25Q128FVCIF Datasheet HTML 20Page - Winbond 25Q128FVCIF Datasheet HTML 21Page - Winbond 25Q128FVCIF Datasheet HTML 22Page - Winbond 25Q128FVCIF Datasheet HTML 23Page - Winbond 25Q128FVCIF Datasheet HTML 24Page - Winbond 25Q128FVCIF Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 20 -
Revision M
7.1.14
Reserved Bits
– Non Functional
There are
a few reserved Status Register bits that may be read out as a “0” or “1”. It is recommended to
ignore the values of those bits. During a “Write Status Register” instruction, the Reserved Bits can be
written as “0”, but there will not be any effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com