Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPLD1201 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPLD1201
Description  TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPLD1201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPLD1201 Datasheet HTML 17Page - Texas Instruments TPLD1201 Datasheet HTML 18Page - Texas Instruments TPLD1201 Datasheet HTML 19Page - Texas Instruments TPLD1201 Datasheet HTML 20Page - Texas Instruments TPLD1201 Datasheet HTML 21Page - Texas Instruments TPLD1201 Datasheet HTML 22Page - Texas Instruments TPLD1201 Datasheet HTML 23Page - Texas Instruments TPLD1201 Datasheet HTML 24Page - Texas Instruments TPLD1201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Table 7-1. Pin Configuration Options (continued)
GPIO
IO Selection
OE
IO Options
Resistor
Resistor Value
IO5, IO6,
IO9
Pin not used
—
—
Pull Down
1MΩ
Digital input
0
Digital in without Schmitt trigger
Digital in with Schmitt trigger
Low-voltage digital input
Floating
—
Pull-Up
10kΩ
100kΩ
1MΩ
Pull-Down
10kΩ
100kΩ
1MΩ
Digital output
1
Push-pull (1X, 2X)
Floating
—
Open-drain NMOS (1X, 2X)
Open-drain PMOS (1X, 2X)
Floating
—
Pull-Up
10kΩ
100kΩ
1MΩ
Pull-Down
10kΩ
100kΩ
1MΩ
www.ti.com
TPLD1201-Q1
SCPS304 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPLD1201-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com