Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPLD1201 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPLD1201
Description  TPLD1201-Q1 Automotive Programmable Logic Device with 8-GPIO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPLD1201 Datasheet(HTML) 3 Page - Texas Instruments

  TPLD1201 Datasheet HTML 1Page - Texas Instruments TPLD1201 Datasheet HTML 2Page - Texas Instruments TPLD1201 Datasheet HTML 3Page - Texas Instruments TPLD1201 Datasheet HTML 4Page - Texas Instruments TPLD1201 Datasheet HTML 5Page - Texas Instruments TPLD1201 Datasheet HTML 6Page - Texas Instruments TPLD1201 Datasheet HTML 7Page - Texas Instruments TPLD1201 Datasheet HTML 8Page - Texas Instruments TPLD1201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
10
9
8
7
6
GPI
GPIO2
GPIO1
GPIO4
GND
VCC
GPIO9
GPIO6
GPIO7
GPIO5
Not to scale
Figure 4-1. DGS Package, 10-Pin VSSOP (Top View)
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
DGS
TYPE(1)
Primary function
Secondary function (if any)
GPI
1
I
General-purpose input (2)
IO1
2
I/O
General-purpose I/O
ACMP0 IN+
IO2
3
I/O
General-purpose I/O
External VREF IN/ACMP0 or ACMP1 IN-
IO4
4
I/O
General-purpose I/O with output enable (OE)(3)
ACMP1 IN+
GND
5
P
Ground
IO5
6
I/O
General-purpose I/O
IO6
7
I/O
General-purpose I/O
IO7
8
I/O
General-purpose I/O with output enable (OE).(3)
Internal VREF OUT
IO9
9
I/O
General-purpose I/O
External OSC IN
VCC
10
P
Supply voltage
(1)
P = power, I/O = input/output, I = Input
(2)
The general-purpose input (GPI) pin will sustain a high-voltage (VPP) during programming. Take special precaution with peripherals
connected to this pin if performing in-system programming.
(3)
The output enable (OE) connection is available through the connection mux and can be configured in InterConnect Studio.
www.ti.com
TPLD1201-Q1
SCPS304 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPLD1201-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com