Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7323 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM7323
Description  ROUTING CONTROL, MONITORING, & POLICING 200 MBPS
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7323 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM7323 Datasheet HTML 9Page - PMC-Sierra, Inc PM7323 Datasheet HTML 10Page - PMC-Sierra, Inc PM7323 Datasheet HTML 11Page - PMC-Sierra, Inc PM7323 Datasheet HTML 12Page - PMC-Sierra, Inc PM7323 Datasheet HTML 13Page - PMC-Sierra, Inc PM7323 Datasheet HTML 14Page - PMC-Sierra, Inc PM7323 Datasheet HTML 15Page - PMC-Sierra, Inc PM7323 Datasheet HTML 16Page - PMC-Sierra, Inc PM7323 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 219 page
background image
STANDARD PRODUCT
PM7323 RCMP-200
DATASHEET
PMC-960543
ISSUE 2
ROUTING CONTROL, MONITORING, & POLICING
200 MBPS
Proprietary and Confidential to PMC-Sierra, Inc.
2
and for its Customer’s Internal Use.
• Uses common synchronous SRAMs for maintaining per-VC information.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Provides a generic 16-bit microprocessor bus interface for configuration,
control and status monitoring.
• Low power, 0.6 micron, +5 Volt CMOS technology.
• 240 copper slugged plastic quad flat pack (PQFP) package.
Policing
• Policing is performed for adherence to peak cell rate (PCR), cell delay
variation (CDV), sustained cell rate (SCR) and burst tolerance (BT). Violating
cells can be noted, dropped or have CLP bits set to 1.
• Policing performed by an approximation to the Generic Cell Rate Algorithm
(GCRA).
• Two policing instantiations available per VC. The policed cell streams can be
any combination of user cells, OAM cells, Resource Management, high
priority cells or low priority cells.
Cell Counting
• Counts maintained on a per VC basis include total low priority cells, total high
priority cells and cells violating the traffic contract.
• Performance management counts are maintained for forward and reverse
flows on a per VC basis: lost cells, misinserted cells, BIP-16 errors and the
number of Severely Errored Cell Blocks (SECB).
• Counts maintained for entire device include total cells input, total cells output,
OAM cells, cells discarded due to congestion, corrupted OAM cells, and cells
with unassigned/invalid VPI/VCIs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com