Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1064RGFTQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB1064RGFTQ1
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064RGFTQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1064RGFTQ1 Datasheet HTML 1Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 2Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 3Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 4Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 5Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 6Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 7Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 8Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information....................................................6
5.5 Electrical Characteristics.............................................7
5.6 Timing Requirements................................................10
5.7 Switching Characteristics..........................................10
5.8 Typical Characteristics.............................................. 12
6 Parameter Measurement Information.......................... 15
7 Detailed Description......................................................17
7.1 Overview................................................................... 17
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................19
7.4 Device Functional Modes..........................................20
7.5 Programming............................................................ 25
8 Application and Implementation.................................. 29
8.1 Application Information............................................. 29
8.2 Typical Application.................................................... 29
8.3 System Examples..................................................... 35
8.4 Power Supply Recommendations.............................38
8.5 Layout....................................................................... 38
9 Register Maps................................................................ 40
9.1 General Register (address = 0x0A) [reset =
00000001]................................................................... 40
9.2 DisplayPort Control/Status Registers (address =
0x10) [reset = 00000000]............................................ 40
9.3 DisplayPort Control/Status Registers (address =
0x11) [reset = 00000000].............................................42
9.4 DisplayPort Control/Status Registers (address =
0x12) [reset = 00000000]............................................ 42
9.5 DisplayPort Control/Status Registers (address =
0x13) [reset = 00000000]............................................ 43
9.6 USB3.1 Control/Status Registers (address =
0x20) [reset = 00000000]............................................ 43
9.7 USB3.1 Control/Status Registers (address =
0x21) [reset = 00000000]............................................ 44
9.8 USB3.1 Control/Status Registers (address =
0x22) [reset = 00000000]............................................ 45
10 Device and Documentation Support..........................46
10.1 Receiving Notification of Documentation Updates..46
10.2 Support Resources................................................. 46
10.3 Trademarks.............................................................46
10.4 Electrostatic Discharge Caution..............................46
10.5 Glossary..................................................................46
11 Revision History.......................................................... 46
12 Mechanical, Packaging, and Orderable
Information.................................................................... 46
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com