Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1064RGFTQ1 Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB1064RGFTQ1
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064RGFTQ1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1064RGFTQ1 Datasheet HTML 16Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 17Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 18Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 19Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 20Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 21Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 22Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 23Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Note
All 4-level inputs are latched after the rising edge of internal reset. After tcfg_hd, the internal pullup and
pulldown resistors are isolated to save power.
7.3.4 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and the resulting inter-symbol
interference in the system before the input or after the output of the TUSB1064-Q1 . The receiver overcomes
these losses by attenuating the low-frequency components of the signals with respect to the high-frequency
components. Select the proper gain setting to match the channel insertion loss. Two 4-level input pins enable
up to 16 possible equalization settings. The USB3.2 upstream path, USB3.2 downstream path, and DisplayPort
each have two 4-level inputs. The TUSB1064-Q1 also provides the flexibility of adjusting settings through I2C
registers.
7.4 Device Functional Modes
7.4.1 Device Configuration in GPIO Mode
The TUSB1064-Q1 is in GPIO configuration when I2C_EN = "0". The TUSB1064-Q1 supports the following
configurations: USB only, 2 DisplayPort lanes + USB, or 4 DisplayPort lanes (no USB). The CTL1 pin controls
whether DisplayPort is enabled. The combination of CTL1 and CTL0 selects between USB only, 2 lanes of
DisplayPort, or 4-lanes of DisplayPort as detailed in Table 7-2. The AUXp or AUXn to SBU1 or SBU2 mapping is
controlled based on Table 7-3.
After power up (VCC from 0V to 3.3V), the TUSB1064-Q1 defaults to USB mode. The USB PD controller upon
detecting no device attached to Type-C port must take TUSB1064-Q1 out of USB mode by transitioning the
CTL0 pin from L to H and back to L.
Table 7-2. GPIO Configuration Control
CTL1 PIN
CTL0 PIN
FLIP PIN
CONFIGURATION
VESA DisplayPort ALT MODE
UFP_D CONFIGURATION
L
L
L
Power Down
—
L
L
H
Power Down
—
L
H
L
One Port USB – No Flip
—
L
H
H
One Port USB – With Flip
—
H
L
L
4 Lane DP – No Flip
C
H
L
H
4 Lane DP – With Flip
C
H
H
L
One Port USB + 2 Lane DP – No Flip
D
H
H
H
One Port USB + 2 Lane DP – With Flip
D
Table 7-3. GPIO AUXp or AUXn to SBU1 or SBU2 Mapping
CTL1 PIN
FLIP PIN
MAPPING
H
L
SBU1 → AUXn
SBU2 → AUXp
H
H
SBU2 → AUXn
SBU1 → AUXp
L > 2ms
X
Open
Table 7-4 details the TUSB1064-Q1 MUX routing. This table is valid for both I2C and GPIO configuration modes.
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com