Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMF001Z Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BMF001Z
Description  Magnetic Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BMF001Z Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BMF001Z Datasheet HTML 1Page - Balluff Korea Ltd. BMF001Z Datasheet HTML 2Page - Balluff Korea Ltd. BMF001Z Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Magnetic Sensors
BMF 10E-PS-D-2-SA1-S49
Order Code: BMF001Z
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-04
Subject to change without notice: 181945
ETIM 6.0: EC002544
BMF001Z_0.14_2024-09-02
1 / 3
Basic features
Approval/Conformity
CE
UKCA
cULus
Ecolab
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Magnetic field sensor
Display/Operation
Function indicator
no
Electrical connection
Connection 1
M8x1-Male, 3-pin
Connection 2
3-pin
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Assured switching field strength Ha
2 kA/m
Hysteresis H max. (% of Hn)
45 %
Load capacitance max. at Ue
1 µF
No-load current Io max., undamped
10 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
Open drain
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Rated switch field strength Hn
1.2 kA/m
Residual current Ir max.
80 µA
Ripple max. (% of Ue)
15 %
Switching frequency
10000 Hz
Turn-off delay toff max.
0.05 ms
Turn-on delay ton max.
0.05 ms
Utilization category
DC -13
Voltage drop static max.
3.1 V
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
ESD
4A(8KV)
Emission
Group 1, Class A
IP rating
IP69K
Functional safety
MTTF (40 °C)
330 a
n


Similar Part No. - BMF001Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BMF001L BALLUFF-BMF001L Datasheet
94Kb / 2P
Magnetic Sensors
2024-10-16
More results

Similar Description - BMF001Z

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N0 BALLUFF-BMF00N0 Datasheet
158Kb / 4P
Magnetic Sensors
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
Magnetic Sensors
BMF00N9 BALLUFF-BMF00N9 Datasheet
157Kb / 4P
Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
Magnetic Sensors
BMP000Y BALLUFF-BMP000Y Datasheet
120Kb / 2P
Magnetic Sensors
BMP000Z BALLUFF-BMP000Z Datasheet
120Kb / 2P
Magnetic Sensors
BMP0010 BALLUFF-BMP0010 Datasheet
120Kb / 2P
Magnetic Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com