Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMF001Z Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BMF001Z
Description  Magnetic Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BMF001Z Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BMF001Z Datasheet HTML 1Page - Balluff Korea Ltd. BMF001Z Datasheet HTML 2Page - Balluff Korea Ltd. BMF001Z Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnetic Sensors
BMF 10E-PS-D-2-SA1-S49
Order Code: BMF001Z
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-04
Subject to change without notice: 181945
ETIM 6.0: EC002544
BMF001Z_0.14_2024-09-02
2 / 3
Interface
Switching output
PNP normally open (NO)
Material
Housing material
1.4571 stainless steel
Material sensing surface
1.4571 stainless steel
Mechanical data
Dimension
Ø 10 x 32 mm
Size
D10.0
Range/Distance
Temp. drift max. (% of Hn)
0.3 %
Remarks
The sensor is functional again after the overload has been eliminated.
The switching distance depends on the magnet used. Switching distances of >20 mm can be achieved.
EMC: External protection circuit required, see instruction for EMC protection circuit 825345.
UL-MARKINGS: - For use in NFPA 79 Applications only - Adapters providing field wiring means are available from the manufacturer. Refer to manufacturers
information.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com