Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29352AXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29352AXIT
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY29352AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY29352
Document #: 38-07476 Rev. *A
Page 7 of 9
Figure 3. Output Duty Cycle (DC)
Figure 4. Output-to-Output Skew, tsk(O)
V
DD
GND
V
DD/2
tP
T0
DC = tP / T0 x 100%
t
SK(O)
V
DD
GND
V
DD/2
V
DD
GND
V
DD/2
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
CY29352AXI
32-pin TQFP
Industrial, –40
°C to +85°C
CY29352AXIT
32-pin TQFP – Tape and Reel
Industrial, –40
°C to 85°C
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com