Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29352AXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29352AXIT
Description  2.5V or 3.3V, 200-MHz, 11-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29352AXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29352AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29352AXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY29352
Document #: 38-07476 Rev. *A
Page 2 of 9
Pin Description[1]
Pin
Name
I/O
Type
Description
6
REFCLK
I, PD
LVCMOS
Reference clock input.
12, 14, 15, 18, 19 QA(0:4)
O
LVCMOS
Clock output bank A.
22, 23, 26, 27
QB(0:3)
O
LVCMOS
Clock output bank B.
30, 31
QC(0,1)
O
LVCMOS
Clock output bank C.
8
FB_IN
I, PD
LVCMOS
Feedback clock input. Connect to an output for normal operation.
This input should be at the same voltage rail as input reference
clock. See Table 1.
1
VCO_SEL
I, PD
LVCMOS
VCO divider select input. See Table 2.
5
MR/OE#
I, PD
LVCMOS
Master reset/output enable/disable input. See Table 2.
9
PLL_EN#
I, PD
LVCMOS
PLL enable/disable input. See Table 2.
2, 3, 4
SEL(A:C)
I, PD
LVCMOS
Frequency select input, Bank (A:C). See Table 2.
16, 20
VDDQA
Supply
VDD
2.5V or 3.3V power supply for bank A output clocks.[2,3]
21, 25
VDDQB
Supply
VDD
2.5V or 3.3V power supply for bank B output clocks.[2,3]
32
VDDQC
Supply
VDD
2.5V or 3.3V power supply for bank C output clocks.[2,3]
10
AVDD
Supply
VDD
2.5V or 3.3V power supply for PLL.[2,3]
11
VDD
Supply
VDD
2.5V or 3.3V power supply for core and inputs.[2,3]
7AVSS
Supply
Ground
Analog ground.
13, 17, 24, 28, 29 VSS
Supply
Ground
Common ground.
Table 1. Frequency Table
VCO_SEL
Feedback Output
Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
0
÷2
Input Clock * 2
100 MHz to 200 MHz
100 MHz to 200 MHz
0
÷4
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
0
÷6
Input Clock * 6
33.33 MHz to 83.33 MHz
33.33 MHz to 66.67 MHz
1
÷2
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
1
÷4
Input Clock * 8
25 MHz to 62.5 MHz
25 MHz to 50 MHz
1
÷6
Input Clock * 12
16.67 MHz to 41.67 MHz
16.67 MHz to 33.33 MHz
Table 2. Function Table
Control
Default
0
1
VCO_SEL
0
VCO
VCO
÷ 2
PLL_EN#
0
PLL enabled. The VCO output connects
to the output dividers
Bypass mode, PLL disabled. The input clock
connects to the output dividers
MR/OE#
0
Outputs enabled
Outputs disabled (three-state), VCO running at
its minimum frequency
SELA
0
QA = VCO
÷ 4
QA = VCO
÷ 6
SELB
0
QB = VCO
÷ 4
QB = VCO
÷ 2
SELC
0
QC = VCO
÷ 2QC = VCO ÷ 4
Notes
1. PD = Internal pull down.
2. A 0.1-
μF bypass capacitor should be placed as close as possible to each positive power pin (< 0.2”). If these bypass capacitors are not close to the pins their
high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3. AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQA, VDDQB, and VDDQC power supply pins.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com