Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F269Z2Q6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 72Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 73Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 74Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 75Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 76Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 77Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 78Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 79Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 184 page
background image
12 - PARALLEL PORTS
ST10F269
76/184
12.7 - Port 4
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the
corresponding direction register DP4.
P4 (FFC8h / E4h)
SFR
Reset Value: --00h
DP4 (FFCAh / E5h)
SFR
Reset Value: --00h
For CAN configuration support (see section 15), Port 4 has an open drain function, controlled with the
ODP4 register:
ODP4 (F1CAh / E5h)
ESFR
Reset Value: --00h
Note: Only bit 6 and 7 are implemented, all other bit will be read as “0”.
15
14
13
12
11
10
98
765
432
10
-
-
-
-
-
-
-
-
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
RW
RW
RW
RW
RW
RW
RW
RW
P4.y
Port Data Register P4 Bit y
15
14
13
12
11
10
98
765
432
10
---
--
---
DP4.7 DP4.6 DP4.5 DP4.4 DP4.3 DP4.2 DP4.1 DP4.0
RW
RW
RW
RW
RW
RW
RW
RW
DP4.y
Port Direction Register DP4 Bit y
DP4.y = 0: Port line P4.y is an input (high-impedance)
DP4.y = 1: Port line P4.y is an output
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
ODP4.7 ODP4.6
-
-
-
-
-
-
RW
RW
ODP4.y
Port 4 Open Drain Control Register Bit y
ODP4.y = 0: Port line P4.y output driver in push/pull mode
ODP4.y = 1: Port line P4.y output driver in open drain mode if P4.y is not a segment
address line output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com