Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F269Z2Q6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST10F269Z2Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST10F269Z2Q6 Datasheet HTML 81Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 82Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 83Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 84Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 85Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 86Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 87Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 88Page - STMicroelectronics ST10F269Z2Q6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
85/184
Figure 38 : Block Diagram of Pin P6.5 (HOLD)
Open Drain
Latch
Write ODP6.5
Read ODP6.5
Direction
Latch
Write DP6.5
Read DP6.5
MUX
0
1
Input
Latch
Clock
P6.5/HOLD
Output
Buffer
Port Output
Latch
Read P6.5
Write P6.5
Alternate Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com