Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367 Datasheet(PDF) 307 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 307 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 303Page - PMC-Sierra, Inc PM7367 Datasheet HTML 304Page - PMC-Sierra, Inc PM7367 Datasheet HTML 305Page - PMC-Sierra, Inc PM7367 Datasheet HTML 306Page - PMC-Sierra, Inc PM7367 Datasheet HTML 307Page - PMC-Sierra, Inc PM7367 Datasheet HTML 308Page - PMC-Sierra, Inc PM7367 Datasheet HTML 309Page - PMC-Sierra, Inc PM7367 Datasheet HTML 310Page - PMC-Sierra, Inc PM7367 Datasheet HTML 311Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
293
Figure 33 – PCI Initiator Abort Termination
PCICLK
FRAMEB
123
45
6
T
TRDYB
DEVSELB
IRDYB
7
T
T
T
The PCI Exclusive Lock Cycle Diagram (Figure 34) illustrates the case when the
current initiator locks the PCI bus. The FREEDM-32P32 will never initiate an
lock, but will behave appropriately when acting as a target.
During clock 1, the present initiator has gained access of the LOCKB signal and
the PCI bus. The first cycle of a locked access must be a read cycle. The
initiator asserts FRAMEB and drives the address of the target on the AD[31:0]
lines.
During clock 2, the present initiator asserts LOCKB to indicate to the target that a
locked cycle is in progress.
During clock 3, the target samples the asserted LOCKB signal and marks itself
locked. The data cycle has to complete in order for the lock to be maintained. If
for some reason the cycle was aborted, the initiator must negate LOCKB.
During clock 4, the data transfer completes and the target is locked.
During clock 6, another initiator may use the PCI bus but it cannot use the
LOCKB signal. If the other initiator attempts to access the locked target that it
did not lock, the target would reject the access.
During clock 7, the same initiator that locked this target accesses the target. The
initiator asserts FRAMEB and negates LOCKB to re-establish the lock.
During clock 8, the target samples LOCKB deasserted and locks itself.
During clock 9, the initiator does not want to continue the lock so it negates
LOCKB. The target samples LOCKB and FRAMEB deasserted it removes its
lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com