Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367 Datasheet(PDF) 100 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 100 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 96Page - PMC-Sierra, Inc PM7367 Datasheet HTML 97Page - PMC-Sierra, Inc PM7367 Datasheet HTML 98Page - PMC-Sierra, Inc PM7367 Datasheet HTML 99Page - PMC-Sierra, Inc PM7367 Datasheet HTML 100Page - PMC-Sierra, Inc PM7367 Datasheet HTML 101Page - PMC-Sierra, Inc PM7367 Datasheet HTML 102Page - PMC-Sierra, Inc PM7367 Datasheet HTML 103Page - PMC-Sierra, Inc PM7367 Datasheet HTML 104Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
86
Register 0x008 : FREEDM-32P32 Master Interrupt Status
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R
TFUDRI
X
Bit 14
R
IOCI
X
Bit 13
R
TDFQEI
X
Bit 12
R
TDQRDYI
X
Bit 11
R
TDQFI
X
Bit 10
R
RPDRQEI
X
Bit 9
R
RPDFQEI
X
Bit 8
R
RPQRDYI
X
Bit 7
R
RPQLFI
X
Bit 6
R
RPQSFI
X
Bit 5
R
RFOVRI
X
Bit 4
R
RPFEI
X
Bit 3
R
RABRTI
X
Bit 2
R
RFCSEI
X
Bit 1
R
PERRI
X
Bit 0
R
SERRI
X
This register reports the interrupt status for various events detected or initiated
by the FREEDM. Reading this registers acknowledges and clears the interrupts.
Note
This register is not byte addressable. Reading this register clears all the interrupt
bits in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com