Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7367 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 79Page - PMC-Sierra, Inc PM7367 Datasheet HTML 80Page - PMC-Sierra, Inc PM7367 Datasheet HTML 81Page - PMC-Sierra, Inc PM7367 Datasheet HTML 82Page - PMC-Sierra, Inc PM7367 Datasheet HTML 83Page - PMC-Sierra, Inc PM7367 Datasheet HTML 84Page - PMC-Sierra, Inc PM7367 Datasheet HTML 85Page - PMC-Sierra, Inc PM7367 Datasheet HTML 86Page - PMC-Sierra, Inc PM7367 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
69
Figure 15 – Partial Packet Buffer Structure
16 bytes
16 bytes
16 bytes
16 bytes
16 bytes
16 bytes
Partial Packet
Buffer RAM
Block 511
Block 0
Block 1
Block 2
Block 3
Block 511
Block 0
Block 1
Block 2
Block 3
Block
Pointer RAM
Block 200
Block 200
0x03
0xC8
0x01
XX
XX
XX
The writer and reader determine empty and full FIFO conditions using flags.
Each block in the partial packet buffer has an associated flag. The writer sets
the flag after the block is written and the reader clears the flag after the block is
read. The flags are initialized (cleared) when the block pointers are written using
indirect block writes. The reader declares a channel FIFO under-run whenever it
tries to read data from a block without a set flag.
The FIFO algorithm of the partial packet buffer processor is based on per-
channel software programmable transfer size and free space trigger level.
Instead of tracking the number of full blocks in a channel FIFO, the processor
tracks the number of empty blocks, called free space, as well as the number of
end of packets stored in the FIFO. Recording the number of empty blocks
instead of the number of full blocks reduces the amount of information the
roamer must store in its state RAM.
The partial packet roamer records the FIFO free space and end-of-packet count
for all channel FIFOs. When the reader signals that a block has been read, the
roamer increments the FIFO free space and sets a per-channel request flag if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com