Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC05J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC05J
Description  SNx4HC05 Hex Inverters with Open-Drain Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC05J Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC05J Datasheet HTML 1Page - Texas Instruments SN54HC05J Datasheet HTML 2Page - Texas Instruments SN54HC05J Datasheet HTML 3Page - Texas Instruments SN54HC05J Datasheet HTML 4Page - Texas Instruments SN54HC05J Datasheet HTML 5Page - Texas Instruments SN54HC05J Datasheet HTML 6Page - Texas Instruments SN54HC05J Datasheet HTML 7Page - Texas Instruments SN54HC05J Datasheet HTML 8Page - Texas Instruments SN54HC05J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
SN74HC05
UNIT
D (SOIC)
N (PDIP)
NS (SOP)
PW (TSSOP)
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal
resistance
133.6
62.6
122.6
151.7
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
89.0
50.3
81.8
79.4
°C/W
RθJB
Junction-to-board thermal
resistance
89.5
42.3
83.8
94.7
°C/W
ΨJT
Junction-to-top characterization
parameter
45.5
30.0
45.4
25.2
°C/W
ΨJB
Junction-to-board characterization
parameter
89.1
42.1
83.4
94.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics - 74
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IOH Output voltage
VI = VIH or
VIL
VO = VCC
6 V
0.01
0.5
5
5
µA
VOL
Low-level output
voltage
VI = VIH or
VIL
IOL = 20
µA
2 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
IOL = 4 mA 4.5 V
0.17
0.26
0.33
0.33
IOL = 5.2
mA
6 V
0.15
0.26
0.33
0.33
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±1
±1
µA
ICC Supply current
VI = VCC or
0
IO = 0
6 V
2
20
20
µA
Ci
Input
capacitance
2 V to
6 V
3
10
10
10
pF
6.6 Electrical Characteristics - 54
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IOH Output voltage
VI = VIH or
VIL
VO = VCC
6 V
0.01
0.5
5
10
µA
www.ti.com
SN74HC05, SN54HC05
SCLS080F – MARCH 1984 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HC05 SN54HC05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com