Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC05J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC05J
Description  SNx4HC05 Hex Inverters with Open-Drain Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC05J Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC05J Datasheet HTML 1Page - Texas Instruments SN54HC05J Datasheet HTML 2Page - Texas Instruments SN54HC05J Datasheet HTML 3Page - Texas Instruments SN54HC05J Datasheet HTML 4Page - Texas Instruments SN54HC05J Datasheet HTML 5Page - Texas Instruments SN54HC05J Datasheet HTML 6Page - Texas Instruments SN54HC05J Datasheet HTML 7Page - Texas Instruments SN54HC05J Datasheet HTML 8Page - Texas Instruments SN54HC05J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SNx4HC05 Hex Inverters with Open-Drain Outputs
1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–40°C to +85°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs
2 Applications
• Synchronize inverted clock inputs
• Invert a digital signal
3 Description
This device contains six independent inverters with
open-drain outputs. Each gate performs the Boolean
function Y = A in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC05DR
SOIC (14)
8.70 mm × 3.90 mm
SN74HC05NR
PDIP (14)
19.30 mm × 6.40 mm
SN74HC05NSR
SO (14)
10.20 mm × 5.30 mm
SN74HC05PWR
TSSOP (14)
5.00 mm × 4.40 mm
SN54HC05JR
CDIP (14)
21.30 mm × 7.60 mm
SN54HC05FKR
LCCC (20)
8.90 mm × 8.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
V
CC
6A
6Y
5A
5Y
4A
4Y
1A
1Y
2A
2Y
3A
3Y
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Functional pinout
www.ti.com
SN74HC05, SN54HC05
SCLS080F – MARCH 1984 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HC05 SN54HC05
SN74HC05, SN54HC05
SCLS080F – MARCH 1984 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC05J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05J TI-SN54HC05J Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54HC05J TI-SN54HC05J Datasheet
624Kb / 16P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54HC05J TI1-SN54HC05J Datasheet
1Mb / 24P
Hex Inverters With Open-Drain Outputs
More results

Similar Description - SN54HC05J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com