Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV431ACDBVR Datasheet HTML 1Page - Texas Instruments TLV431ACDBVR Datasheet HTML 2Page - Texas Instruments TLV431ACDBVR Datasheet HTML 3Page - Texas Instruments TLV431ACDBVR Datasheet HTML 4Page - Texas Instruments TLV431ACDBVR Datasheet HTML 5Page - Texas Instruments TLV431ACDBVR Datasheet HTML 6Page - Texas Instruments TLV431ACDBVR Datasheet HTML 7Page - Texas Instruments TLV431ACDBVR Datasheet HTML 8Page - Texas Instruments TLV431ACDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VKA
Cathode voltage
(2)
7
V
IK
Continuous cathode current
–20
20
mA
Iref
Reference current
–0.05
3
mA
Operating virtual junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the anode terminal, unless otherwise noted.
5.2 ESD Ratings
PARAMETER
DEFINITION
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins
(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins
(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage
VREF
6
V
IK
Cathode current
0.1
15
mA
TA
Operating free-air temperature
TLV431_C
0
70
°C
TLV431_I
–40
85
TLV431_Q
–40
125
5.4 Thermal Information
THERMAL METRIC
(1)
TLV431x
UNIT
DCK
D
PK
DBV
DBZ
LP
6 PINS
8 PINS
3 PINS
5 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal
resistance
87
97
52
206
206
140
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
259
39
9
131
76
55
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com