Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431ACDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431ACDBVR
Description  TLV431x Low-Voltage Adjustable Precision Shunt Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV431ACDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TLV431ACDBVR Datasheet HTML 1Page - Texas Instruments TLV431ACDBVR Datasheet HTML 2Page - Texas Instruments TLV431ACDBVR Datasheet HTML 3Page - Texas Instruments TLV431ACDBVR Datasheet HTML 4Page - Texas Instruments TLV431ACDBVR Datasheet HTML 5Page - Texas Instruments TLV431ACDBVR Datasheet HTML 6Page - Texas Instruments TLV431ACDBVR Datasheet HTML 7Page - Texas Instruments TLV431ACDBVR Datasheet HTML 8Page - Texas Instruments TLV431ACDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TLV431x Low-Voltage Adjustable Precision Shunt Regulator
1 Features
• Low-voltage operation, VREF = 1.24V
• Adjustable output voltage, VO = VREF to 6V
• Reference voltage tolerances at 25°C
– 0.5% for TLV431B
– 1% for TLV431A
– 1.5% for TLV431
• Typical temperature drift
– 4mV (0°C to 70°C)
– 6mV (–40°C to 85°C)
– 11mV (–40°C to 125°C)
• Low operational cathode current, 80µA typical
• 0.25Ω typical output impedance
• Ultra-small SC-70 package offers 40% smaller
footprint than SOT-23-3
• See TLVH431 and TLVH432 for:
– Wider VKA (1.24V to 18 V) and IK (80mA)
– Additional SOT-89 package
– Multiple pinouts for SOT-23-3 and SOT-89
packages
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. on
all other products, production processing does not
necessarily include testing of all parameters.
2 Applications
• Adjustable voltage and current referencing
• Secondary side regulation in flyback SMPSs
• Zener replacement
• Voltage monitoring
• Comparator with integrated reference
Simplified Schematic
3 Description
The TLV431 device is a low-voltage 3-terminal
adjustable voltage reference with specified thermal
stability over applicable industrial and commercial
temperature ranges. Output voltage can be set to
any value between VREF (1.24V) and 6V with two
external resistors (see the Parameter Measurement
Information section). These devices operate from a
lower voltage (1.24V) than the widely used TL431 and
TL1431 shunt-regulator references.
When used with an optocoupler, the TLV431 device is
an ideal voltage reference in isolated feedback circuits
for 3V to 3.3V switching-mode power supplies. These
devices have a typical output impedance of 0.25Ω.
Active output circuitry provides a very sharp turnon
characteristic, making them excellent replacements
for low-voltage Zener diodes in many applications,
including on-board regulation and adjustable power
supplies.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TLV431
DBZ (SOT-23, 3)
2.92mm × 2.37mm
DBV (SOT-23, 5)
2.90mm × 2.8mm
LP (TO-92, 3)
5.2mm × 3.68mm
PK (SOT-89, 3)
4.5mm × 4.095mm
TLV431A
DBV (SOT-23, 5)
2.90mm × 2.8mm
DBZ (SOT-23, 3)
2.92mm × 2.37mm
PK (SOT-89, 3)
4.5mm × 4.095mm
LP (TO-92, 3)
5.2mm × 3.68mm
D (SOIC, 8)
4.9mm × 6mm
TLV431B
DBV (SOT-23, 5)
2.90mm × 2.8mm
DBZ (SOT-23, 3)
2.92mm × 2.37mm
PK (SOT-89, 3)
4.5mm × 4.095mm
LP (TO-92, 3)
5.2mm × 3.68mm
DCK (SOT-SC70, 6) 2mm × 1.5mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable
TLV431, TLV431A, TLV431B
SLVS139Z – JULY 1996 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV431ACDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
985Kb / 36P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
1,013Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431ACDBVR TI-TLV431ACDBVR Datasheet
1,015Kb / 39P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431ACDBVR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLV431 TI-TLV431_15 Datasheet
1Mb / 46P
TLV431x Low-Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com