Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7760 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7760
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices AD7760 Datasheet HTML 10Page - Analog Devices AD7760 Datasheet HTML 11Page - Analog Devices AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7767
Rev. 0 | Page 12 of 24
–110
–130
–128
–126
–124
–122
–120
–118
–116
–114
–112
01M
120
115
110
105
100
95
90
0
60k
50k
40k
30k
20k
10k
fNOISE (Hz)
900k
800k
700k
600k
500k
400k
300k
200k
100k
FREQUENCY (Hz)
OPEN INPUTS
FULL-SCALE 921Hz
DYNAMIC RANGE
AD7767
AD7767-1
AD7767-2
Figure 19. AD7767/AD7767-1/AD7767-2 THD vs. MCLK Frequency
115
107
108
109
110
111
112
113
114
01M
200
160
120
80
40
180
140
100
60
20
0
CODES
900k
800k
700k
600k
500k
400k
300k
200k
100k
FREQUENCY (Hz)
AD7767
AD7767-1
AD7767-2
Figure 20. AD7767/AD7767-1/AD7767-2 SNR and THD vs. MCLK Frequency
150
140
130
120
110
100
0
60k
50k
40k
30k
20k
10k
fNOISE (Hz)
AVDD
DVDD
VDRIVE
Figure 21. AD7767 Power Supply Sensitivity vs. Supply Ripple Frequency with
Decoupling Capacitors
Figure 22. AD7767 CMRR vs. Common-Mode Ripple Frequency
MAX = 8388637
MIN = 8388493
SPREAD = 145
Figure 23. AD7767 24-Bit Histogram
250
200
150
100
50
0
CODES
MAX = 8388507
MIN = 8388608
SPREAD = 102 CODES
Figure 24. AD7767-1 24-Bit Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com