Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7760 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7760
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD7767
Rev. 0 | Page 17 of 24
AD7767 INTERFACE
The AD7767 provides the user with a flexible serial interface,
enabling the user to implement the most desirable interfacing
scheme for their application. The AD7767 interface comprises
seven different signals. Five of these signals are inputs: MCLK,
CS, SYNC/PD, SCLK, and SDI. There are two output signals:
DRDY and SDO.
INITIAL POWER-UP
On initial power-up, apply a continuous MCLK signal. It is
recommended that the user reset the AD7767 to clear the filters
and ensure correct operation. The reset is completed as described
in Figure 5, with all events occurring relative to the rising edge
of MCLK. A negative pulse on the SYNC/PD input initiates the
reset, and the DRDY output switches to logic high and remains
high until valid data is available. Following the power-up of the
AD7767 by transitioning the SYNC/PD pin to logic high, a
settling time is required before valid data is output by the
device. This settling time, tSETTLING, is a function of the MCLK
frequency and the decimation rate. Table 7 lists the settling time
of each of the AD7767 models and should be referenced to
Figure 5.
Table 7. Filter Settling Time After SYNC/PD
Model
Decimation Rate
tSETTLING 1
AD7767
8
594 × (tMCLK + t21)
AD7767-1
16
1186 × (tMCLK + t21)
AD7767-2
32
2370 × (tMCLK + t21)
1 tSETTLING is measured from the first MCLK rising edge after the rising edge of
SYNC/PD to the falling edge of DRDY.
READING DATA
The AD7767 outputs its data conversion results in an MSB first,
twos complement, 24-bit format on the serial data output pin
(SDO). MCLK is the master clock, which controls all the AD7767
conversions. The SCLK is the serial clock input for the device.
All data transfers take place with respect to the SCLK signal.
The DRDY line is used as a status signal to indicate when the
data is available to be read from the AD7767. The falling edge of
DRDY indicates that a new data-word is available in the output
register of the device. DRDY stays low during the period that
output data is permitted to be read from the SDO pin. The
DRDY signal returns to logic high to indicate when not to read
from the device. Ensure that a data read is not attempted during
this period as the output register is being updated.
The AD7767 offers the user the option of using a chip select
input signal (CS) in its data read cycle. The CS signal is a gate
for the SDO pin and allows many AD7767 devices to share the
same serial bus, acting as an instruction signal to each of these
devices indicating permission to use the bus. When CS is logic
high, the SDO line of the AD7767 is tristated.
There are two distinct patterns that can be initiated to read data
from the AD7767 device; these are for the cases when the CS
falling edge occurs after the DRDY falling edge and for the case
when the CS falling edge occurs before the DRDY falling edge
(when CS is set to logic low).
When the CS falling edge occurs after DRDY falling edge, the
MSB of the conversion result is available on the SDO line on
this CS falling edge. The remaining bits of the conversion result
(MSB-1, MSB-2, and so on) are clocked onto the SDO line by
the falling edges of SCLK that follow the CS falling edge. Figure 3
details this interfacing scheme.
When CS is tied low, the AD7767 serial interface can operate in
3-wire mode as shown in Figure 4. In this case, the MSB of the
conversion result is available on the SDO line on the falling
edge of DRDY. The remaining bits of the data conversion result
(MSB-1, MSB-2, and so on) are clocked onto the SDO line by
the subsequent SCLK falling edges.
POWER-DOWN, RESET, AND SYNCHRONIZATION
The AD7767 SYNC/PD pin allows the user to synchronize
multiple AD7767 devices. This pin also allows the user to reset
and power down the AD7767 device. These features are
implemented relative to the rising edges of MCLK and are
shown in Figure 5.
To power down, reset, or synchronize a device, the AD7767
SYNC/PD pin should be taken low. On the first rising edge of
MCLK, the AD7767 is powered down. The DRDY pin transi-
tions to logic high, indicating that the data in the output register
is no longer valid. The status of the SYNC/PD pin is checked on
each subsequent rising edge of MCLK. On the first rising edge
of MCLK after the SYNC/PD pin is taken high, the AD7767 is
taken out of power-down. On the next rising edge, the filter of
the AD7767 is reset. On the following rising edge, the first new
sample is taken.
A settling time, tSETTLING, from the filter reset, must pass before
valid data is output by the device (as listed in Table 7). The
DRDY output goes logic low after tSETTLING to indicate when
valid data is available on SDO for readback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com