Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8022 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 20Page - Microchip Technology MCP8022 Datasheet HTML 21Page - Microchip Technology MCP8022 Datasheet HTML 22Page - Microchip Technology MCP8022 Datasheet HTML 23Page - Microchip Technology MCP8022 Datasheet HTML 24Page - Microchip Technology MCP8022 Datasheet HTML 25Page - Microchip Technology MCP8022 Datasheet HTML 26Page - Microchip Technology MCP8022 Datasheet HTML 27Page - Microchip Technology MCP8022 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
MCP8021/2
DS20006265D-page 24
 2020-2024 Microchip Technology Inc. and its subsidiaries
4.4.2
STANDBY STATE
Standby state is entered when the OE pin goes low for
longer than 1 ms and the SLEEP Configuration bit is
inactive. When Standby mode is entered, the following
subsystems are disabled:
• High-side gate drives (HSA, HSB, HSC) forced low
• Low-side gate drives (LSA, LSB, LSC) forced low
•VBOOT LDO
• Charge pump
• Operational amplifiers if CFG0[6] = 1 (MCP8022)
The VREG LDO, operational amplifiers (if CFG0[6] = 0)
and DE2 communications stay active.
The total current consumption of the device when OE
is inactive (device disabled) stays within the “Standby
mode input quiescent current” limits specified in the
device characteristics table.
4.4.3
SLEEP MODE
Sleep mode is entered when both a SLEEP command
is sent to the device via DE2 communications and the
OE pin is low. The two conditions may occur in any
order. The transition to Sleep mode occurs after the
last of the two conditions occurs. The SLEEP bit in the
CFG0 Configuration register indicates when the
device should transition to a low-power mode. The
device will operate normally until the OE pin is transi-
tioned low by an external device. At that point in time,
the SLEEP bit value determines whether the device
transitions to Standby mode or low-power Sleep mode.
The supply current (ISUP) during Sleep mode will typi-
cally be 5 μA. When Sleep mode is activated, most
functions will be shut off, including the VREG LDO.
Only the Power-on Reset monitor and minimal state
machine will remain active to detect a wake-up event.
This indicates that the host processor will be shut
down if the host is using the VREG LDO regulator for
power. The device will stay in the low-power Sleep
mode until either of the following conditions is met:
• The WAKE pin transitions high after being in a low
state lasting longer than tWAIT_SETUP
• Power is cycled
The MCP8021/2 devices are not required to retain
configuration data while in Sleep mode. When exiting
Sleep mode, the host should send a new configuration
message to configure the device if the default configu-
ration values are not desired. The same configuration
sequence used during power-up may be used when
exiting Sleep mode.
When activated, Sleep mode will always be entered
regardless of any active Fault. This allows a transition
to Sleep mode when the host is powered by the VREG
LDO and the regulator is in an unreliable state. The
SLEEP bit in the Configuration register will be ignored
at power-up until the system has enabled the VREG
LDO and the VREG LDO has entered regulation.
4.5
Faults
4.5.1
FAULT PIN OUTPUT (FAULT)
The FAULT pin is used as a Fault indicator. The pin is
capable of sinking a minimum of 1 mA of current while
maintaining less than 50 mV of voltage across the
output. An external pull-up resistor to the logic supply
is required.
The open-drain FAULT pin transitions low when a
Fault occurs. Table 4-1 lists the Faults that activate the
FAULT signal. Warnings do not activate the FAULT
signal; Table 4-2 lists the warnings.
4.5.2
FAULT HANDLING SEQUENCE
When a Fault occurs, the following steps will occur in
sequence.
1.
The gate drive outputs will be immediately
turned off.
2.
The FAULT pin output will go low.
3.
A message will be sent via the DE2
communications link.
4.
The VREG LDO will be disabled immediately if
the Fault is a VDD undervoltage shutdown
(UVSHDNACT) Fault.
5.
The VREG LDO will be disabled 5 ms after the
DE2
message
has
been
sent
for
an
overtemperature shutdown (OTSHDN) Fault.
4.5.3
FAULT INDICATOR
A FAULT indicator bit resides in the STAT0 register.
The bit is the logical ‘OR’ of all of the Fault bits in the
two status registers. Warnings are not included in the
FAULT indicator bit.
The FAULT bit will allow the user to read the STAT0
register in order to determine if a Fault is present in the
system. If the bit is set, then the user may request the
STAT1 message and interrogate the bits of both status
messages to determine what Faults exist.
The Faults that are logically OR’d together to generate
the FAULT bit are as follows:
• STAT0:OTPF
• STAT0:UVLOF
• STAT0:OVLOF
•STAT1:REGUVF
•STAT1:XUVLOF
•STAT1:XOCPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com