Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP8022 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 3 Page - Microchip Technology

  MCP8022 Datasheet HTML 1Page - Microchip Technology MCP8022 Datasheet HTML 2Page - Microchip Technology MCP8022 Datasheet HTML 3Page - Microchip Technology MCP8022 Datasheet HTML 4Page - Microchip Technology MCP8022 Datasheet HTML 5Page - Microchip Technology MCP8022 Datasheet HTML 6Page - Microchip Technology MCP8022 Datasheet HTML 7Page - Microchip Technology MCP8022 Datasheet HTML 8Page - Microchip Technology MCP8022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 3
MCP8021/2
Package Types – MCP8022
V
REG
V
DD
CAP2
CAP1
DE2
PWMCL
PWMCH
PWMBL
PWMBH
PWMAL
HSB
VBB
PHA
HSA
VBA
GND
LSC
LSB
LSA
V
BOOT
1
2
3
4
5
6
7
8
9
10
38
37
36
35
34
33
32
31
30
29
39
Exposed Pad
(EP)
PHB
28
VBC
27
HSC
26
PHC
25
PWMAH
FAULT
OE
OUT3
11
12
13
14
GND
24
WAKE
23
IN1+
22
IN1-
IN3-
IN3+
OUT2
IN2-
15
16
17
18
IN2+ 19
21
OUT1
20
PWMCL
PWMCH
PWMBL
PWMBH
PWMAL
VBA
HSA
VBB
HSB
PHB
41
Exposed Pad
(EP)
29
28
27
26
25
1
2
3
4
5
6
7
24
30
PWMAH
DE2
PHA
VBC
23
HSC
22
PHC
8
9
OE
FAULT
10
21
GND
GND
5mmx5mm QFN-40*
4.4 mm TSSOP-38*
*Includes Exposed Thermal Pad (EP), see Table 3-2.
5 mm x 5 mm VQFN-40*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com