Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 27Page - Texas Instruments TUSB564 Datasheet HTML 28Page - Texas Instruments TUSB564 Datasheet HTML 29Page - Texas Instruments TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments TUSB564 Datasheet HTML 33Page - Texas Instruments TUSB564 Datasheet HTML 34Page - Texas Instruments TUSB564 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
TX2p
TX2n
RX2p
RX2n
TX1n
TX1p
RX1n
RX1p
SBU1
SBU2
SSTXp
SSTXn
SSRXp
SSRXn
DP0p
DP0n
DP1p
DP1n
DP2p
DP2n
DP3p
DP3n
AUXp
AUXn
SSRXP
SSRXN
SSTXP
SSTXN
AUXP
AUXN
DP_PWR (3.3V)
1M (± 5%)
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
DP_ML0P
DP_ML0N
DP_ML1P
DP_ML1N
DP_ML2P
DP_ML2N
DP_ML3P
DP_ML3N
USB 3 Hub
DP RX
FLIP/SCL
2M
2M
Type-C
PD
Controller
I2C_EN
SSEQ0/A0
SSEQ1
DPEQ0/A1
DPEQ1
EQ0
EQ1
RI2C
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
VI2C
100nF
10 F
3.3V
100nF
100nF
EN
NC
1M (± 5%)
SRC_DET
SRC_DET#
CTL1
CTL0/SDA
HPDIN
Redriver
330nF
330nF
RESD
220 k
RESD
100nF
100nF
330nF
330nF
220 k
TX1n
TX1p
RX1n
RX1p
TX2p
TX2n
RX2p
RX2n
CC1
CC2
SBU1
SBU2
Figure 8-2. Application Circuit
www.ti.com
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com