Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB564 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 39Page - Texas Instruments TUSB564 Datasheet HTML 40Page - Texas Instruments TUSB564 Datasheet HTML 41Page - Texas Instruments TUSB564 Datasheet HTML 42Page - Texas Instruments TUSB564 Datasheet HTML 43Page - Texas Instruments TUSB564 Datasheet HTML 44Page - Texas Instruments TUSB564 Datasheet HTML 45Page - Texas Instruments TUSB564 Datasheet HTML 46Page - Texas Instruments TUSB564 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
9.5 DisplayPort Control/Status Registers (address = 0x13) [reset = 00000000]
Figure 9-5. DisplayPort Control/Status Registers (0x13)
7
6
5
4
3
2
1
0
AUX_SNOOP_
DISABLE
Reserved
AUX_SBU_OVR
DP3_DISABLE DP2_DISABLE DP1_DISABLE DP0_DISABLE
R/W
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-6. DisplayPort Control/Status Registers (0x13)
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0
0: AUX snoop enabled. (Default)
1: AUX snoop disabled.
6
Reserved
R
0
Reserved
5:4
AUX_SBU_OVR
R/W
00
This field overrides the AUXp or AUXn to SBU1 or SBU2
connect and disconnect based on CTL1 and FLIP. Changing this
field to 2’b01 or 2'b10 allows traffic to pass through AUX to SBU
regardless of the state of CTLSEL1 and FLIPSEL register
00: AUX to SBU connect/disconnect determined by CTLSEL1
and FLIPSEL (Default)
01: AUXn -> SBU1 and AUXp -> SBU2 connection always
enabled.
10: AUXn -> SBU2 and AUXp -> SBU1 connection always
enabled.
11: AUX to SBU open.
3
DP3_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 3. When AUX_SNOOP_DISABLE =
1’b0, changes to this field have no effect on lane 3 functionality.
0: DP Lane 3 Enabled (default)
1: DP Lane 3 Disabled.
2
DP2_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 2. When AUX_SNOOP_DISABLE =
1’b0, changes to this field have no effect on lane 2 functionality.
0: DP Lane 2 Enabled (default)
1: DP Lane 2 Disabled.
1
DP1_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 1. When AUX_SNOOP_DISABLE =
1’b0, changes to this field have no effect on lane 1 functionality.
0: DP Lane 1 Enabled (default)
1: DP Lane 1 Disabled.
0
DP0_DISABLE
R/W
0
DISABLE. When AUX_SNOOP_DISABLE = 1’b1, this field
can be used to enable or disable DP lane 0. When
AUX_SNOOP_DISABLE = 1’b0, changes to this field have no
effect on lane 0 functionality.
0: DP Lane 0 Enabled (default)
1: DP Lane 0 Disabled.
9.6 USB3.1 Control/Status Registers (address = 0x20) [reset = 00000000]
Figure 9-6. USB3.1 Control/Status Registers (0x20)
7
6
5
4
3
2
1
0
EQ2_SEL
EQ1_SEL
R/W/U
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
www.ti.com
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com