Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEX80809DA Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # NEX80809DA
Description  Wide Vcc range multi-mode flyback controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80809DA Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button NEX80809DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 11Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 12Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 13Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 14Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 15Page - Nexperia B.V. All rights reserved NEX80809DA Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Nexperia
NEX8080 series
Wide Vcc range multi-mode flyback controller
S
Q
R
Q
1/KFB
CFB
FB_int
RS
DRV
RFB
FB
VFB_OPEN
CS
Rd
CF
RBOT
RTOP
VO
RL
CO
n:1
aaa-040378
Fig. 16. Typical circuit of voltage control
9.3.7. Multimode operation
NEX8080x is a multi-mode PWM controller implemented with peak current mode control. As the load changes, it
automatically switches between CCM, QR, DCM PFM modes. To maintain a high efficiency across the entire load range,
turning on the primary MOS is always gated by the CLK signal, which is the clamping frequency commanded by FB voltage.
Under heavy load and low line conditions, FB is high, which means the primary peak current and clamp frequency is high.
Since a longer time is needed for demagnetization, the clock signal (CLK) arrives before demagnetization, so the power
MOS will be turned on by the clock. At this moment, the magnetizing inductor current is not reset to zero yet, converter
works in CCM.
As the load decreases, or line voltage increases, FB voltage will decrease, which means the primary peak current and clamp
frequency decreases. Demagnetization can be finished before the clock signal. In this condition, the power MOS will not
be turned on until the clock signal and the following valley moment are detected, (see Fig. 17 and Section 9.3.10). In this
way, power MOS turn on at the first valley after clock, the converter works in either QR/DCM (if clamp frequency is still at
maximum frequency) or PFM (if clamp frequency already be lower than maximum value).
If the load continues to decrease, the clamp frequency further decreases as FB voltage decreases. The ringing amplitude
at auxiliary winding may be damped too small for a valley moment to be detected after clock arrives. In this case, once the
tW_VALLEY time expires after CLK, the primary MOS will be forced on.
9.3.8. Burst mode control
As the load decreases, FB voltage will decrease to regulate the output voltage. As a result, the peak-control voltage (equal
to the peak voltage of CS) decreases and is finally clamped at its minimum limit (typically ~90 mV). Meanwhile, the switching
frequency also decreases and is clamped at FMIN (typically 25 kHz) to avoid audible noise. If the load decreases further,
FB voltage will drop below the VFB_BURST_OFF threshold (typically 0.3 V) and DRV pulse is disabled. In this burst-off period,
VCC current drops to IBURST (typically 270 μA). At this moment, since no power is being delivered to the output anymore, the
output voltage begins decrease. The voltage control loop will increase FB voltage gradually. Once FB voltage is higher than
VFB_BURST_ON threshold (typically 0.35 V), the DRV pulse is resumed. Using this method of burst mode control improves the
light load efficiency significantly.
9.3.9. ZCD voltage detection
During the flyback period, the information of output voltage can be derived by sampling ZCD voltage as shown in Fig. 17.
NEX8080_series
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
12 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com