Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC0665K Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PSC0665K
Description  650 V, 6 A SiC Schottky diode in TO-220-2 R2P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC0665K Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PSC0665K Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Nexperia
PSC0665K
650 V, 6 A SiC Schottky diode in TO-220-2 R2P
aaa-040435
VR (V)
50
650
450
250
10-7
10-8
10-5
10-6
10-4
IR
(A)
10-9
(1)
(2)
(3)
(4)
(5)
(6)
Pulsed condition:
(1) Tj = 175 °C
(2) Tj = 150 °C
(3) Tj = 125 °C
(4) Tj = 100 °C
(5) Tj = 25 °C
(6) Tj = -55 °C
Fig. 6. Reverse current as a function of reverse
voltage; typical values
aaa-040437
100
200
300
Cd
(pF)
0
VR (V)
10-1
103
102
1
10
f = 1 MHz; Tamb = 25 °C
Fig. 7. Diode capacitance as a function of reverse
voltage; typical values
VR (V)
0
200
400
600
700
500
300
100
aaa-040436
2
4
6
Ec
(µJ)
0
Fig. 8. Capacitance stored energy as a function of
reverse voltage; typical values
aaa-040438
VF (V)
IF
(A)
1/Rdiff
Vth
VF = Vth + Rdiff x IF
Vth = a x Tj + b
Rdiff = c x Tj² + d x Tj + e
a = -1.28E-03 (V/°C)
b = 9.67E-01 (V)
c = 2.24E-06 ( /(°C)²)
d = 3.0E-04 ( /°C)
e = 8.03E-02 ( )
Fig. 9. Simplified forward characteristics mode
PSC0665K
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
19 August 2024
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com