Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC0665K Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PSC0665K
Description  650 V, 6 A SiC Schottky diode in TO-220-2 R2P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC0665K Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PSC0665K Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PSC0665K
650 V, 6 A SiC Schottky diode in TO-220-2 R2P
19 August 2024
Product data sheet
1. General description
Nexperia introduces leading edge Silicon Carbide (SiC) Schottky diode for ultra-high performance,
low loss, high efficiency power conversion applications. The SiC Schottky diode is encapsulated in
a Real-2-Pin (R2P) TO-220-2 through-hole power plastic package. The product offers temperature
independent capacitive turn-off, zero recovery switching behavior combined with an outstanding
figure-of-merit (QC x VF). The Merged PiN Schottky (MPS) diode improves the robustness
expressed in a high IFSM.
2. Features and benefits
• Zero forward and reverse recovery
• Reduced system costs
• Temperature independent fast and smooth switching performance
• Outstanding figure-of-merit (Qc x VF)
• High IFSM capability
• High power density
• System miniaturization
• Reduced EMI
3. Applications
• Switch Mode Power Supply (SMPS)
• AC-DC and DC-DC converter
• Battery charging infrastructure
• Server and telecom power supply
• Uninterruptible Power Supply (UPS)
• Photovoltaic inverters
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
ẟ = 1; Tc ≤ 128 °C
-
-
6
A
Static characteristics
VDC
DC blocking voltage
650
-
-
V
Dynamic characteristics
QC
total capacitive charge VR = 400 V; dIF/dt = 200 A/µs; IF ≤ 6 A;
Tj = 25 °C
-
14
-
nC


Similar Part No. - PSC0665K

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSC0665B1 NEXPERIA-PSC0665B1 Datasheet
240Kb / 9P
650 V, 6 A SiC Schottky diode in bare die
10 October 2024
PSC0665H NEXPERIA-PSC0665H Datasheet
255Kb / 10P
650 V, 6 A SiC Schottky diode in DPAK R2P
25 September 2024
More results

Similar Description - PSC0665K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-C06ET07T-M3 VISHAY-VS-C06ET07T-M3 Datasheet
156Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 6 A
16-Apr-2021
logo
Littelfuse
LSIC2SD065E20CCA LITTELFUSE-LSIC2SD065E20CCA Datasheet
1,020Kb / 5P
LSIC2SD065E20CCA 650 V, 20 A SiC Schottky Barrier Diode
Revised: 03/04/19
logo
Vishay Siliconix
VS-C06ET07T-M3 VISHAY-VS-C06ET07T-M3_V01 Datasheet
156Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 6 A
16-Apr-2021
VS-3C06ET07T-M3 VISHAY-VS-3C06ET07T-M3 Datasheet
175Kb / 6P
650 V Power SiC Gen 3 Merged PIN Schottky Diode, 6 A
22-Feb-2023
logo
Nexperia B.V. All right...
PSC1065H NEXPERIA-PSC1065H Datasheet
177Kb / 7P
650 V, 10 A SiC Schottky diode in DPAK R2P
26 April 2023
PSC1065J NEXPERIA-PSC1065J Datasheet
180Kb / 7P
650 V, 10 A SiC Schottky diode in D2PAK R2P
26 April 2023
PSC1065K NEXPERIA-PSC1065K Datasheet
211Kb / 10P
650 V, 10 A SiC Schottky diode in TO-220-2 R2P
19 April 2023
PSC1065L NEXPERIA-PSC1065L Datasheet
148Kb / 6P
650 V, 10 A SiC Schottky diode in TO-247-2
26 April 2023
logo
ON Semiconductor
FFSP2065B ONSEMI-FFSP2065B Datasheet
269Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC, 20 A, 650 V, D2, TO-220-2L
January, 2023 - Rev. 2
logo
Littelfuse
LSIC2SD065A10A LITTELFUSE-LSIC2SD065A10A Datasheet
646Kb / 5P
LSIC2SD065A10A 650 V, 10 A SiC Schottky Barrier Diode
10/16/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com