Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1412 Datasheet(PDF) 4 Page - Microchip Technology

Part # EMC1412
Description  Multiple Channel 1°C Temperature Sensor with Beta Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1412 Datasheet(HTML) 4 Page - Microchip Technology

  EMC1412 Datasheet HTML 1Page - Microchip Technology EMC1412 Datasheet HTML 2Page - Microchip Technology EMC1412 Datasheet HTML 3Page - Microchip Technology EMC1412 Datasheet HTML 4Page - Microchip Technology EMC1412 Datasheet HTML 5Page - Microchip Technology EMC1412 Datasheet HTML 6Page - Microchip Technology EMC1412 Datasheet HTML 7Page - Microchip Technology EMC1412 Datasheet HTML 8Page - Microchip Technology EMC1412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
EMC1412
DS20005273B-page 4
 2014-2022 Microchip Technology Inc. and its subsidiaries
Timing and Capacitive Filter
Conversion Time all
Channels
tCONV
—
190
—
ms
Default settings
Capacitive Filter
CFILTER
—
2.2
2.7
nF
Connected across external
diode
Resistance Error
Correction
RSERIES
——
100
In series with DP and DN lines
ALERT and THERM Pins
Output Low Voltage
VOL
0.4
—
—
V
ISINK = 8 mA
Leakage Current
ILEAK
—
—
±5
µA
ALERT and THERM pins
Device powered or unpowered
TA < +85°C
Pull-up voltage
 3.6V
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, 3.0V
VDD  3.6V at -40C  TA  +125C, all typical values
are at TA =27C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com