Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F72
Description  FLASH Memory Programming Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F72_1 Datasheet HTML 5Page - Microchip Technology PIC16F72_1 Datasheet HTML 6Page - Microchip Technology PIC16F72_1 Datasheet HTML 7Page - Microchip Technology PIC16F72_1 Datasheet HTML 8Page - Microchip Technology PIC16F72_1 Datasheet HTML 9Page - Microchip Technology PIC16F72_1 Datasheet HTML 10Page - Microchip Technology PIC16F72_1 Datasheet HTML 11Page - Microchip Technology PIC16F72_1 Datasheet HTML 12Page - Microchip Technology PIC16F72_1 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS39588A-page 9
PIC16F72
3.0
CONFIGURATION WORD
The PIC16F72 has configuration bits in a configuration
word located at 0x2007. These bits can be cleared
(reads ‘0’), or left unchanged (reads ‘1’), to select vari-
ous device configurations.
3.1
Device ID Word
The device ID word for the PIC16F72 is located at
2006h. The nine Most Significant bits are the device ID
number, while the five Least Significant bits are the
device revision number.
REGISTER 3-1:
CONFIGURATION WORD FOR PIC16F72
TABLE 3-1:
DEVICE ID VALUE
Device
Device ID Word (0x2006)
Dev
Rev
PIC16F72
000 000 101
n nnnn
–
–
–
–
–
–
–
BOREN
–
CP
PWRTEN WDTEN F0SC1 F0SC0
bit 13
bit 0
bit 13-7
Unimplemented: Read as ‘1’
bit 6
BOREN: Brown-out Reset Enable bit(1)
1
= BOR enabled
0
= BOR disabled
bit 5
Unimplemented: Read as ‘1’
bit 4
CP: Program Memory Code Protection bit
1
= Code protection off
0
= 0000h to 07FFh code protected (All)
bit 3
PWRTEN: Power-up Timer Enable bit(1)
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1: Enabling Brown-out Reset automatically enables Power-up Timer (PWRT), regardless of the
value of bit PWRTEN. Ensure the Power-up Timer is enabled any time Brown-out Reset is
enabled.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com