Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F72
Description  FLASH Memory Programming Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F72_1 Datasheet HTML 1Page - Microchip Technology PIC16F72_1 Datasheet HTML 2Page - Microchip Technology PIC16F72_1 Datasheet HTML 3Page - Microchip Technology PIC16F72_1 Datasheet HTML 4Page - Microchip Technology PIC16F72_1 Datasheet HTML 5Page - Microchip Technology PIC16F72_1 Datasheet HTML 6Page - Microchip Technology PIC16F72_1 Datasheet HTML 7Page - Microchip Technology PIC16F72_1 Datasheet HTML 8Page - Microchip Technology PIC16F72_1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PIC16F72
DS39588A-page 2
Preliminary
 2002 Microchip Technology Inc.
2.0
PROGRAM MODE ENTRY
2.1
User Program Memory Map
The user memory space extends from 0x0000 to
0x07FF (2K). Table 2-1 shows the actual implementa-
tion of program memory in the PIC16F72. Configura-
tion memory begins at 0x2000, and continues to
0x3FFF. The PC will increment from 0x0000 to 0x1FFF
and wrap to 0x0000, 0x2000 to 0x3FFF and wrap
around to 0x2000 (not to 0x0000).
Once in configuration memory, the highest bit of the PC
stays a ‘1’, thus, always pointing to the configuration
memory. The only way to point to program memory is
to reset the part and re-enter Program/Verify mode, as
described in Section 2.3.
Configuration memory is selected when the PC points
to any address in the range of 0x2000-0x201F; how-
ever, only locations 0x2000 through 0x2007 are imple-
mented. Addressing locations beyond 0x201F will
access program memory (see Figure 2-1).
TABLE 2-1:
PROGRAM MEMORY
IMPLEMENTATION IN THE
PIC16F72
2.2
ID Locations
A user may store identification information (ID) in four
ID locations mapped to [0x2000:0x2003]. It is recom-
mended that each ID location word is written as
‘11 1111 1000 bbbb’
, where ‘bbbb’ is ID infor-
mation. The ID locations can be read even after code
protection is enabled.
To understand the program memory read mechanism
after code protection is enabled, refer to Section 4.0.
Table 4-1 shows specific calculations and behavior for
the PIC16F72 device.
Device
Program Memory Size
PIC16F72
0x0000 – 0x07FF (2K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com