Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F72 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16F72
Description  FLASH Memory Programming Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16F72 Datasheet HTML 1Page - Microchip Technology PIC16F72 Datasheet HTML 2Page - Microchip Technology PIC16F72 Datasheet HTML 3Page - Microchip Technology PIC16F72 Datasheet HTML 4Page - Microchip Technology PIC16F72 Datasheet HTML 5Page - Microchip Technology PIC16F72 Datasheet HTML 6Page - Microchip Technology PIC16F72 Datasheet HTML 7Page - Microchip Technology PIC16F72 Datasheet HTML 8Page - Microchip Technology PIC16F72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS39588A-page 5
PIC16F72
2.3.1.1
Load Configuration
After receiving the Load Configuration command, the
PC will be set to 0x2000 and the data sent with the
command is discarded. The four ID locations and the
configuration word can then be programmed using the
normal programming sequence, as described in
Section 2.3. A description of the memory mapping
schemes of the program memory for normal operation
and Configuration mode operation is shown in
Figure 2-1. After the configuration memory is entered,
the only way to get back to the user program memory
is to exit the Program/Verify Test mode by taking MCLR
low.
2.3.1.2
Load Data for Memory
The device will load in a 14-bit “data word” when 16
cycles are applied, as described previously. A timing
diagram for the load data command is shown in
Figure 5-1.
2.3.1.3
Read Data from Memory
The device will transmit data bits out of the memory
(program or configuration) currently addressed by the
PC, starting with the second rising edge of the clock
input. RB7 will go into Output mode on the second ris-
ing clock edge and will revert back to Input mode
(hi-impedance) after the 16th rising edge. A timing dia-
gram for this command is shown in Figure 5-2.
If the device is code protected, user program memory
will read all ‘0’s. Configuration memory can still be read.
2.3.1.4
Increment Address
The PC is incremented by one. A timing diagram for
this command is shown in Figure 5-3.
2.3.1.5
Begin Programming
A ‘Load Data’ command must be issued before
every ‘Begin Programming’ command. Program-
ming of memory (configuration or program) will begin
after this command is received and decoded. Program-
ming requires (tprog) time and is terminated using an
‘End Programming’ command.
2.3.1.6
Chip Erase (Program Memory)
Erasure of configuration and program memory begins
after this command is received and decoded. The
erase sequence is self-timed and it is not necessary to
issue an ‘End Programming’ command, only to wait for
the appropriate time interval (tera) for the entire erase
sequence, before issuing another command.
This procedure will disable code protection (code pro-
tect bit = 1); however, all data within the program mem-
ory will be erased when this command is executed and
thus, the security of the data or code is not
compromised.
2.4
Programming Algorithm Requires
Variable VDD
The PIC16F72 uses an intelligent algorithm, which
calls for program verification at VDDAPP.
The actual chip erase and programming must be done
with VDD in the VDDP range (see Table 5-1).
VDDP
=VDD range required during programming
VDDAPP =VDD in the target application
Programmers must verify the PIC16F72 at VDDAPP.
Since Microchip may introduce future versions of the
PIC16F72 with a broader VDD range, it is best that
these levels are user selectable (defaults are OK).
Note:
All CHIP ERASE operations must take
place with VDD between 4.75V and 5.25V.
Note:
Any programmer not meeting this require-
ment may only be classified as a “proto-
type” or “development” programmer, but
not a “production quality” programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com