Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K108 Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # K108
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K108 Datasheet(HTML) 1 Page - KG Technologies, Inc.

  K108 Datasheet HTML 1Page - KG Technologies, Inc. K108 Datasheet HTML 2Page - KG Technologies, Inc. K108 Datasheet HTML 3Page - KG Technologies, Inc. K108 Datasheet HTML 4Page - KG Technologies, Inc. K108 Datasheet HTML 5Page - KG Technologies, Inc. K108 Datasheet HTML 6Page - KG Technologies, Inc. K108 Datasheet HTML 7Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K108_en Rev 1
1
R
K108
SUBMINIATURE INTERMEDIATE POWER RELAY
 High switching capacity
1A - 8A 250Vac
2A, 1A+1B - 5A 250Vac
 3kV dielectric strength between coil and contacts.
 Outline dimensions: (20.2 x 11.3 x 10.5)mm.
 RoHS compliant materials and process.
Contact Data
Characteristics
Contact Form
1A
2A, 1A+1B
Insulation resistance
1,000MΩ (at 500 Vdc)
Contact resistance*
No gold plating:
≤50mΩ (1A 6Vdc)
Dielectric strength:
Gold plating:
≤50mΩ (0.1A 6Vdc)
Coil to contact
3kVac for 1 min.
Contact material
AgSnO2
Across open contacts
1kVac for 1min.
AC Contact rating†
8A 250Vac
5A 250Vac
Between contact sets
2kVac for 1min.
DC Contact Rating
5A 30Vdc
Ambient temperature
-40°C to +85°C
Max Switching Voltage
380Vac/240Vdc
Insulation resistance
1,000MΩ (at 500 Vdc)
Max Switching Current
8A
5A
Vibration:
Max Switching Power
2000VA/150W
1250VA/150W
Functional
2 mm (DA) 10 Hz to 55 Hz
Set/Reset Time‡
≤ 10 ms
Survival
3.5 mm (DA) 10 Hz to 55 Hz
Operate Time (Single Side Stable)
≤ 10 ms
Shock resistance:
Release Time (Single Side Stable)
≤ 5 ms
Functional§
196 m/s2
Mechanical Endurance
1 x107 ops
Survival
980 m/s2
Electrical Endurance**
100,000 ops at 8A
250Vac at 70oC††
100,000 ops at 5A
250Vac at 70oC
Coil termination
PCB or Wire
Unit weight
4.5g
Max Operating
30 000 ops at 5A 250Vac at 40oC‡‡
Construction
Plastic sealed, Flux proofed
20 cycles/min
* Typical value for Initial Contact Resistance: Using a sample quantity of at least 20 units, take the average value from 5 continuous measurements from
each sample.
† Resistive load
‡ Latching relays
§ Unit may change state but is still functional
** Resistive load at 70oC, 1.5s on / 1.5s off
†† 1s on 9s off
‡‡ 2s on 2s off


Similar Part No. - K108

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
15 Amp General Purpose Miniature Relay
logo
TE Connectivity Ltd
K10 TEC-K10 Datasheet
185Kb / 3P
Socket, PCB and top flange mounting options
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
Sensata Technologies, I...
K100 SENSATA-K100 Datasheet
539Kb / 4P
Platform Control System for rough terrain scissor lift
More results

Similar Description - K108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE60 HONGFA-HFE60 Datasheet
68Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE62 HONGFA-HFE62 Datasheet
1Mb / 5P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com