Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K108 Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # K108
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K108 Datasheet(HTML) 2 Page - KG Technologies, Inc.

  K108 Datasheet HTML 1Page - KG Technologies, Inc. K108 Datasheet HTML 2Page - KG Technologies, Inc. K108 Datasheet HTML 3Page - KG Technologies, Inc. K108 Datasheet HTML 4Page - KG Technologies, Inc. K108 Datasheet HTML 5Page - KG Technologies, Inc. K108 Datasheet HTML 6Page - KG Technologies, Inc. K108 Datasheet HTML 7Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K108_en Rev 1
2
Coil Data
Single side stable (Non latching)
Single Coil (Latching)
Dual Coil (Latching)
Coil Consumption
300mW
150mW
300mW
Coil Resistance - Latching
(
Ω±10%) at 23°C
Nominal Coil Voltage
Min Set/Reset Voltage
Single Coil (Latching)
Dual Coil (Latching)
3Vdc
2.4Vdc
60
Ω
2 x 30
Ω
5Vdc
4.0Vdc
167
Ω
2 x 83
Ω
6Vdc
4.8Vdc
240
Ω
2 x 120
Ω
9Vdc
7.2Vdc
540
Ω
2 x 270
Ω
12Vdc
9.6Vdc
960
Ω
2 x 480
Ω
18Vdc
14.4Vdc
2160
Ω
2 x 1080
Ω
24Vdc
19.2Vdc
3840
Ω
2 x 1920
Ω
Coil Resistance
– Single-Side Stable
(
Ω±10%) at 23°C
(
Ω±10%) at 23°C
Nominal Coil Voltage
Pick-up Voltage min
Drop-Out Voltage max
Coil Resistance
3Vdc
2.4Vdc
0.3Vdc
30
Ω
5Vdc
4.0Vdc
0.5Vdc
83
Ω
6Vdc
4.8Vdc
0.6Vdc
120
Ω
9Vdc
7.2Vdc
0.9Vdc
270
Ω
12Vdc
9.6Vdc
1.2Vdc
480
Ω
18Vdc
14.4Vdc
2.4Vdc
1080
Ω
24Vdc
1492Vdc
2.4Vdc
1920
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com