Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-3-BP Datasheet(PDF) 21 Page - Microchip Technology

Part # UCS1002-3-BP
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3-BP Datasheet(HTML) 21 Page - Microchip Technology

Back Button UCS1002-3-BP Datasheet HTML 17Page - Microchip Technology UCS1002-3-BP Datasheet HTML 18Page - Microchip Technology UCS1002-3-BP Datasheet HTML 19Page - Microchip Technology UCS1002-3-BP Datasheet HTML 20Page - Microchip Technology UCS1002-3-BP Datasheet HTML 21Page - Microchip Technology UCS1002-3-BP Datasheet HTML 22Page - Microchip Technology UCS1002-3-BP Datasheet HTML 23Page - Microchip Technology UCS1002-3-BP Datasheet HTML 24Page - Microchip Technology UCS1002-3-BP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 21
UCS1002-3
5.0
GENERAL DESCRIPTION
The UCS1002-3 provides a single USB port power
switch for precise control of up to 2.5A continuous
current with Overcurrent Limit (OCL), dynamic thermal
management, latch or auto-recovery fault handling,
selectable
active-low
or
active-high
enable,
undervoltage and overvoltage lockout, and back-
voltage protection.
Split supply support for VBUS and VDD is an option for
low power in system standby states.
In addition to power switching and current limiting, the
UCS1002-3 provides automatic and configurable
charger emulation profiles to charge a wide variety of
portable devices, including USB-IF BC1.2 (CDP or
DCP modes), YD/T-1591 (2009), most Apple and RIM
portable devices and many others.
The UCS1002-3 also provides current monitoring to
enable intelligent management of system power and
charge rationing for controlled delivery of current
regardless of the host power state. This is especially
important for battery-operated applications that must
provide power without excessively draining the battery,
or require power allocation depending on application
activities.
Figure 5-1 shows a UCS1002-3 full-featured system
configuration in which the UCS1002-3 provides a port
power switch and low-power Attach Detection with
wake-up signaling (wake on USB). The current limit is
established at power-up. It can be lowered if required
after power-up via the SMBus/I2C. This configuration
also provides configurable USB data line-charger
emulation,
programmable
current
limiting
(as
determined by the accepted charger emulation profile),
active current monitoring, and port charge rationing.
FIGURE 5-1:
UCS1002-3 Full-Featured System Configuration (SMBus Control).
UCS1002
ALERT#
3 V – 5.5 V
Device
DPOUT
DMOUT
5 V
VBUS1
VBUS2
VS1
VS2
A_DET#
5 V Host
CBUS
USB Host
3 V – 5.5 V
EC
CIN
VDD
DPIN
DMIN
VDD
EM_EN
M1
M2
PWR_EN
SMDATA
SMCLK
SEL
COMM_SEL / ILIM
GND
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com