Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1002-3-BP Datasheet(PDF) 39 Page - Microchip Technology

Part # UCS1002-3-BP
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3-BP Datasheet(HTML) 39 Page - Microchip Technology

Back Button UCS1002-3-BP Datasheet HTML 35Page - Microchip Technology UCS1002-3-BP Datasheet HTML 36Page - Microchip Technology UCS1002-3-BP Datasheet HTML 37Page - Microchip Technology UCS1002-3-BP Datasheet HTML 38Page - Microchip Technology UCS1002-3-BP Datasheet HTML 39Page - Microchip Technology UCS1002-3-BP Datasheet HTML 40Page - Microchip Technology UCS1002-3-BP Datasheet HTML 41Page - Microchip Technology UCS1002-3-BP Datasheet HTML 42Page - Microchip Technology UCS1002-3-BP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 39
UCS1002-3
8.0
DETECT STATE
8.1
Device Attach/Removal Detection
The UCS1002-3 can detect the attachment and
removal of a portable device on the USB port. Attach
and Removal Detection does not perform any charger
emulation or qualification of the device. The high-speed
switch is OFF (by default) during the Detect power
state.
8.2
VBUS Bypass Switch
The UCS1002-3 contains circuitry to provide VBUS
current as shown in Figure 8-1. In the Detect state,
VDD is the voltage source, whereas in the Active state,
VS is the voltage source. The bypass switch and the
port power switch are never both ON at the same time.
While the VBUS bypass switch is active, the current
available to a portable device is limited to IBUS_BYP, and
the Attach Detection feature is active.
8.3
Attach Detection
The primary Attach Detection feature is only active in
the Detect power state. When active, this feature
constantly monitors the current load on the VBUS pin.
If the current drawn by a portable device is greater than
IDET_QUAL
for
longer
than
tDET_QUAL,
an
Attach Detection event occurs. This causes the
A_DET# pin to assert low and the ADET_PIN and
ATT status bits to be set.
Until the port power switch is enabled, the current
available to a portable device is limited to that used to
detect device attachment (IDET_QUAL). Once an Attach
Detection event occurs, the UCS1002-3 waits for the
PWR_EN control to be enabled. When PWR_EN is
enabled and VS is above the threshold, the device
activates the USB port power switch and operates in
the selected Active mode (see Section 9.0 “Active
State”).
8.4
Removal Detection
The Removal Detection feature is active in the Active
and Detect power states if S0 = ‘1’. This feature
monitors the current load on the VBUS pin. If this load
drops to less than IREM_QUAL_DET for longer than
tREM_QUAL, a Removal Detection event is flagged.
When the Removal Detection event is flagged, the
following are performed:
1.
Disable the port power switch and the bypass
switch.
2.
Deassert the A_DET# pin and set the REM
status register bit.
3.
Enable an internal discharging device that
discharges the VBUS line within tDISCHARGE.
4.
Once the VBUS pin is discharged, the device
returns to the Detect state regardless of the
PWR_EN control state.
FIGURE 8-1:
Detect State VBUS Biasing.
Port Power
Switch
VDD
VS
VS
VBUS
VBUS
Bypass
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com