Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12030WAS Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12030WAS
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAS Datasheet(HTML) 17 Page - Texas Instruments

Back Button PTH12030WAS Datasheet HTML 13Page - Texas Instruments PTH12030WAS Datasheet HTML 14Page - Texas Instruments PTH12030WAS Datasheet HTML 15Page - Texas Instruments PTH12030WAS Datasheet HTML 16Page - Texas Instruments PTH12030WAS Datasheet HTML 17Page - Texas Instruments PTH12030WAS Datasheet HTML 18Page - Texas Instruments PTH12030WAS Datasheet HTML 19Page - Texas Instruments PTH12030WAS Datasheet HTML 20Page - Texas Instruments PTH12030WAS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
PREBIAS STARTUP CAPABILITY
VI (5 V/div)
t − Time − 5 ms/div
Startup
Period
UVLO Threshold
VO (1 V/div)
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
Notes on Use of Auto-TrackTM
1. The Track pin voltage must be allowed to rise above the module set-point voltage before the module
regulates at its adjusted set-point voltage.
2. The Auto-Track function tracks almost any voltage ramp during power up, and is compatible with ramp
speeds of up to 1 V/ms.
3. The absolute maximum voltage that may be applied to the Track pin is the input voltage V
I.
4. The module cannot follow a voltage at its track control input until it has completed its soft-start
initialization. This takes about 40 ms from the time that a valid voltage has been applied to its input.
During this period, it is recommended that the Track pin be held at ground potential.
5. The Auto-Track function is disabled by connecting the Track pin to the input voltage (V
I). When
Auto-Track is disabled, the output voltage rises at a quicker and more linear rate after input power has
been applied.
The capability to start up into an output prebias condition is now available to all the 12-V input, PTH series of
power modules. (Note that this is a feature enhancement for the many of the W-suffix products).[1]
A prebias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes, sometimes used as part of a dual-supply power-up sequencing arrangement. A
prebias can cause problems with power modules that incorporate synchronous rectifiers. This is because under
most operating conditions, such modules can sink as well as source output current. The 12-V input PTH
modules all incorporate synchronous rectifiers, but will not sink current during startup, or whenever the Inhibit pin
is held low. Startup includes an initial delay (approximately 8 ms–15 ms), followed by the rise of the output
voltage under the control of the module’s internal soft-start mechanism; see Figure 17.
Figure 17. Startup Waveforms
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com