Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12030WAS Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12030WAS
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030WAS Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH12030WAS Datasheet HTML 15Page - Texas Instruments PTH12030WAS Datasheet HTML 16Page - Texas Instruments PTH12030WAS Datasheet HTML 17Page - Texas Instruments PTH12030WAS Datasheet HTML 18Page - Texas Instruments PTH12030WAS Datasheet HTML 19Page - Texas Instruments PTH12030WAS Datasheet HTML 20Page - Texas Instruments PTH12030WAS Datasheet HTML 21Page - Texas Instruments PTH12030WAS Datasheet HTML 22Page - Texas Instruments PTH12030WAS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.ti.com
Up Dn
Sense
V =12V
I
V 1=3.3V
O
V 2=1.8V
O
I 2
O
ASIC
VC ORE
VC CI O
PTH12010L
1
10
4
6
2
3
9
GND
Inhibit
7
Vadj
+
R1
2kW
R2
130 W
C2
330 F
m
C4
330 F
m
C6
0.68 F
m
C5
0.1 F
m
C3
330 F
m
C1
330 F
m
+
+
PTH12020W
7
10
4
5
6
2
3
9
Tra ck
V
I
V
I
V
O
V
O
GND
Inhibit
1
Adjust
+
TL7702B
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
+
R5
10k0
R4
100kW
R3
11k0
8
8
Sense
Track
5
MARGIN UP/DOWN CONTROLS
D %
R
orR
=
U
D
499
-99.8kW
(2)
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
Figure 19. Application Circuit Demonstrating Prebias Startup
The PTH12060, PTH12010, PTH12020, and PTH12030 products incorporate Margin Up and Margin Down
control inputs. These controls allow the output voltage to be momentarily adjusted[1], either up or down, by a
nominal 5%. This provides a convenient method for dynamically testing the operation of the load circuit over its
supply margin or range. It can also be used to verify the function of supply voltage supervisors. The
±5% change
is applied to the adjusted output voltage, as set by the external resistor, RSET at the VO Adjust pin.
The 5% adjustment is made by pulling the appropriate margin control input directly to the GND terminal.[2] A
low-leakage open-drain device, such as an n-channel MOSFET or p-channel JFET is recommended for this
purpose.[3] Adjustments of less than 5% can also be accommodated by adding series resistors to the control
inputs. The value of the resistor can be selected from Table 6, or calculated using the following formula.
MARGIN UP/DOWN ADJUST RESISTANCE CALCULATION
To reduce the margin adjustment to a value less than 5%, series resistors are required (See RD and RU in
Figure 20). For the same amount of adjustment, the resistor value calculated for RU and RD is the same. The
formula is as follows.
Where
∆% = The desired amount of margin adjust in percent.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com