Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAP-450 Datasheet(PDF) 3 Page - Fuji Electric

Part # FAP-450
Description  N-channel MOS-FET(500V, 0,38廓, 14A, 190W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FAP-450 Datasheet(HTML) 3 Page - Fuji Electric

  FAP-450 Datasheet HTML 1Page - Fuji Electric FAP-450 Datasheet HTML 2Page - Fuji Electric FAP-450 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
N-channel MOS-FET
FAP-450
500V
0,38Ω 14A 190W
FAP-IIS Series
> Characteristics
Drain Current Derating
Typical Gate Charge
↑
ID = f(TC)
↑
VGS = f(Qg); ID=14A
TC [°C]
→
Qg [nC]
→
Fig. 1: Test Circuit
Fig. 2: Operating Waveforms
This specification is subject to change without notice!
P.O. Box 702708 - Dallas, TX - (972) 733-1700 - (972) 381-9991 (fax)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com